Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3870EUFD Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3870EUFD
Description  60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3870EUFD Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3870EUFD Datasheet HTML 9Page - Linear Technology LTC3870EUFD Datasheet HTML 10Page - Linear Technology LTC3870EUFD Datasheet HTML 11Page - Linear Technology LTC3870EUFD Datasheet HTML 12Page - Linear Technology LTC3870EUFD Datasheet HTML 13Page - Linear Technology LTC3870EUFD Datasheet HTML 14Page - Linear Technology LTC3870EUFD Datasheet HTML 15Page - Linear Technology LTC3870EUFD Datasheet HTML 16Page - Linear Technology LTC3870EUFD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
dc2155afb
DEMO MANUAL
DC2155A-A/DC2155A-B
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
31
2
Q1, Q6
XSTR, MOSFET N-CH 60V 25A 5 PIN LFPAK
RENESAS RJK0651DPB
32
2
Q3, Q7
XSTR, MOSFET N-CH 60V 45A 5 PIN LFPAK
RENESAS RJK0653DPB
33
2
Q9, Q10
XSTR, PNP GENERAL PURPOSE SOT-323
DIODES INC. MMST3906-7-F
34
1
Q19
XSTR, MOSFET N-CH 30V 30A 5 PIN LFPAK
RENESAS RJK0305DPB-00#J0
35
1
Q20
XSTR, MOSFET P-CH 20V 5.2A SOT-23
VISHAY Si2365EDS-T1-GE3
36
4
Q22, Q23, Q28, Q29
XSTR, MOSFET N-CH 60V 115mA SOT-23
FAIRCHILD 2N7002A
37
2
R2, R122
RES, 2512 0.006Ω 1% 1W
PANASONIC ERJ-M1WSF6MU
38
2
R3, R4
RES, 0603 1k 5% 1/10W
VISHAY CRCW06031K00JNEA
39
4
R9, R12, R30, R38
RES, 0603 2Ω 5% 1/10W
VISHAY CRCW06032R00JNEA
40
12
R10, R11, R13, R15, R16, R18, R23,
R25, R28, R89, R112, R113
RES, 0603 10k 5% 1/10W
VISHAY CRCW060310K0JNEA
41
2
R14, R37
RES, 2010 3mΩ 1% 1/2W
VISHAY WSL20103L000FEA
42
3
R17, R21, R22, R27, R43, R44, R45,
R96, R98, R106, R109, R128, R129,
R132, R168, R174
RES, 0603 0Ω JUMPER
VISHAY CRCW06030000Z0EA
43
5
R24, R26, R50, R51, R155
RES, 0603 100Ω 5% 1/10W
VISHAY CRCW0603100RJNEA
44
4
R87, R88, R171, R172
RES, 0603 200Ω 5% 1/10W
VISHAY CRCW0603200RJNEA
45
1
R91
RES, 2010 0.01Ω 1% 1/2W
VISHAY WSL2010R0100FEA
46
1
R93
RES, 0603 127Ω 1% 1/10W
VISHAY CRCW0603127RFKEA
47
1
R99
RES, 0603 220k 5% 1/10W
VISHAY CRCW0603220KJNEA
48
2
R114, R115
RES, 0603 10Ω 5% 1/10W
VISHAY CRCW060310R0JNEA
49
2
R119, R120
RES, 0603 4.99k 1% 1/10W
VISHAY CRCW06034K99FKEA
50
2
R124, R125
RES, 2512 0Ω JUMPER
VISHAY CRCW25120000Z0EG
51
1
R146
RES, 0805 4.7Ω 1% 0.125W
VISHAY CRCW08054R70FKEA
52
1
R151
RES, 0603 1M 5% 1/10W
VISHAY CRCW06031M00JNEA
53
1
R152
RES, 0603 681k 1% 1/10W
VISHAY CRCW0603681KFKEA
54
1
R153
RES, 0603 3.3Ω 1% 1/10W
VISHAY CRCW06033R30FKEA
55
1
R154
RES, 0603 82.5Ω 1% 1/10W
VISHAY CRCW060382R5FKEA
56
1
R157
RES, 0603 2Ω 5% 1/10W
VISHAY CRCW06032R00JNEA
57
1
R158
RES, 0603 27.4k 1% 1/10W
VISHAY CRCW060327K4FKEA
58
1
R159
RES, 0603 226k 1% 1/10W
VISHAY CRCW0603226KFKEA
59
1
R160
RES, VARIABLE 5k
BOURNS 3386P-1-502-LF
60
1
R161
RES, 0603 20k 5% 1/10W
VISHAY CRCW060320K0JNEA
61
1
R162
RES, 1206 0Ω JUMPER
VISHAY CRCW12060000Z0EA
62
1
R170
RES, 0603 340Ω 1% 1/10W
VISHAY CRCW0603340KFKEA
63
1
U1
IC, WIDE INPUT AND OUTPUT DC/DC CONVERTER LINEAR TECH. LTC3886IUKG#10E2-PBF-ES
64
1
U3
IC, SYNCHRONUS STEP-DOWN CONVERTER
LINEAR TECH. LTC3630EMSE#PBF
65
1
U4
IC, 24LC05-I/ST
MICROCHIP 24LC025-I/ST
66
1
U5
IC, LTC6992
LINEAR TECH. LTC6992IS6-1
67
1
U6
IC, SINGLE OP AMP
LINEAR TECH. LT1803IS5
DC2155A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com