Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-V8/D15S/IN Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-V8/D15S/IN
Description  Solid-state relay module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-V8/D15S/IN Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-V8/D15S/IN Datasheet HTML 1Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 2Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 3Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 4Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 5Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 6Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 7Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 8Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967565
05/25/2018   Page 3 / 11
Solid-state relay module - PLC-OSP-230UC/ 48DC/100 - 2967565
Technical data
Connection data, output side
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
General
Test voltage input/output
2.5 kV (50 Hz, 1 min.)
Mounting position
any
Assembly instructions
In rows with zero spacing
Operating mode
100% operating factor
Flammability rating according to UL 94
V0
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
Degree of pollution
2
Overvoltage category
III
Standards and Regulations
Connection in acc. with standard
CUL
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
Insulation
Basic insulation
Degree of pollution
2
Overvoltage category
III
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A2
A1
13+
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com