Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-V8/D15S/IN Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # PLC-V8/D15S/IN
Description  Solid-state relay module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-V8/D15S/IN Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button PLC-V8/D15S/IN Datasheet HTML 3Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 4Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 5Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 6Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 7Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 8Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 9Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 10Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967565
05/25/2018   Page 10 / 11
Solid-state relay module - PLC-OSP-230UC/ 48DC/100 - 2967565
Accessories
Power terminal block - PLC-ESK GY - 2966508
Power terminal block, for the input of up to four potentials, for mounting on NS 35/7.5
 
 
Relay socket
Relay base - PLC-BSP-230UC/21 - 2967183
6.2 mm PLC basic terminal block with spring-cage connection, without relay or solid-state relay, for mounting on DIN
rail NS 35/7,5, 1 PDT, input voltage 230 V AC/DC
 
 
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Single solid-state relay
Miniature solid-state relay - OPT-60DC/ 48DC/100 - 2966621
Plug-in miniature solid-state relay, input solid-state relay, 1 N/O contact, input: 60 V DC, output: 3 - 48 V DC/100 mA
 
 
Terminal marking
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com