Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-V8/D15S/IN Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-V8/D15S/IN
Description  Solid-state relay module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-V8/D15S/IN Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-V8/D15S/IN Datasheet HTML 1Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 2Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 3Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 4Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 5Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 6Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 7Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 8Page - PHOENIX CONTACT PLC-V8/D15S/IN Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967565
05/25/2018   Page 1 / 11
Solid-state relay module - PLC-OSP-230UC/ 48DC/100 - 2967565
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of PLC-BSP.../21 basic terminal block with spring-cage connection and plug-
in miniature solid-state relay, for mounting on DIN rail NS 35/7,5, 1 N/O contact, input: 230 V AC/220 V DC,
output: 3 - 48 V DC/100 mA
Why buy this product
 Slim design
 Efficient connection to system cabling using V8 adapter
 RT III sealed solid-state relay
 Functional plug-in bridges
 Integrated input circuit
 High switching power
 Zero voltage switch at AC output
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4017918165802
Weight per Piece (excluding packing)
28.940 g
Custom tariff number
85364900
Country of origin
Germany
Sales Key
08
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
80 mm


Similar Part No. - PLC-V8/D15S/IN

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-V8 PHOENIX-PLC-V8 Datasheet
164Kb / 12P
Solid-state relay module
PLC-V8L PHOENIX-PLC-V8L Datasheet
83Kb / 5P
V8 adapter for 8 x PLC-INTERFACE (14 mm); Controller: PLC system cabling of output cards; connection 1
More results

Similar Description - PLC-V8/D15S/IN

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
Solid-state relay module
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com