Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3045 Datasheet HTML 7Page - Linear Technology LT3045 Datasheet HTML 8Page - Linear Technology LT3045 Datasheet HTML 9Page - Linear Technology LT3045 Datasheet HTML 10Page - Linear Technology LT3045 Datasheet HTML 11Page - Linear Technology LT3045 Datasheet HTML 12Page - Linear Technology LT3045 Datasheet HTML 13Page - Linear Technology LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT3045
11
3045fa
For more information www.linear.com/LT3045
Noise Spectral Density as
a Function of Error Amplifier
Input Pair
Typical perForMance characTerisTics
Start-Up Time with and
without Fast Start-Up Circuitry for
Large CSET
Input Supply Ramp-Up and
Ramp-Down
Output Noise: 10Hz to 100kHz
Load Transient Response
Line Transient Response
TJ = 25°C, unless otherwise noted.
VIN = VOUT + 2V
IL = 500mA
COUT = 10µF
CSET = 4.7µF
VOUT ≥ 1.3V
0.6V < VOUT < 1.3V
VOUT ≤ 0.6V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
1000
3045 G52
VIN = 5V
RSET = 33.2k
COUT = 10µF
CSET = 4.7µF
IL = 500mA
1ms/DIV
5µV/DIV
3042 G53
VIN = 5V
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
LOAD STEP = 10mA TO 500mA
20µs/DIV
OUTPUT
CURRENT
500mA/DIV
OUTPUT
VOLTAGE
20mV/DIV
3042 G54
VIN = 4.5V TO 5V
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
IL = 500mA
5µs/DIV
INPUT
VOLTAGE
500mV/DIV
OUTPUT
VOLTAGE
1mV/DIV
3042 G55
VIN = 5V
RSET = 33.2k
COUT = 10µF
CSET = 4.7µF
RL = 6.6Ω
500mV/DIV
2V/DIV
OUTPUT WITH
FAST START–UP
(SET AT 90%)
OUTPUT WITHOUT
FAST START–UP
PULSE EN/UV
100ms/DIV
3042 G56
INPUT VOLTAGE
OUTPUT VOLTAGE
VIN = 0V TO 5V
VEN/UV = VIN
RSET = 33.2k
COUT = 10µF
CSET = 0.47µF
RL = 6.6Ω
50ms/DIV
2V/DIV
3042 G57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com