Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3045 Datasheet HTML 14Page - Linear Technology LT3045 Datasheet HTML 15Page - Linear Technology LT3045 Datasheet HTML 16Page - Linear Technology LT3045 Datasheet HTML 17Page - Linear Technology LT3045 Datasheet HTML 18Page - Linear Technology LT3045 Datasheet HTML 19Page - Linear Technology LT3045 Datasheet HTML 20Page - Linear Technology LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT3045
18
3045fa
For more information www.linear.com/LT3045
applicaTions inForMaTion
a ceramic output capacitor. Similarly, due to LT3045’s
ultrahigh PSRR, negligible output noise is generated
using a ceramic input capacitor. Nonetheless, given the
high SET pin impedance, any piezoelectric response
from a ceramic SET pin capacitor generates significant
output noise – peak-to-peak excursions of hundreds of
µVs. However, due to the SET pin capacitor’s high ESR
and ESL tolerance, any non-piezoelectrically responsive
(tantalum, electrolytic, or film) capacitor can be used at
the SET pin – although electrolytic capacitors tend to
have high 1/f noise. In any case, use of a surface mount
capacitor is highly recommended.
Stability and Input Capacitance
TheLT3045isstablewithaminimum4.7µFINpincapacitor.
LTC recommends using low ESR ceramic capacitors. In
cases where long wires connect the power supply to the
LT3045’s input and ground terminals, the use of low value
input capacitors combined with a large load current can
result in instability. The resonant LC tank circuit formed by
the wire inductance and the input capacitor is the cause
and not because of LT3045’s instability.
The self-inductance, or isolated inductance, of a wire
is directly proportional to its length. The wire diameter,
however, has less influence on its self-inductance. For
example, the self-inductance of a 2-AWG isolated wire
with a diameter of 0.26" is about half the inductance of a
30-AWG wire with a diameter of 0.01". One foot of 30-AWG
wire has 465nH of self-inductance.
Several methods exist to reduce a wire’s self-inductance.
OnemethoddividesthecurrentflowingtowardstheLT3045
between two parallel conductors. In this case, placing the
wires further apart reduces the inductance; up to a 50%
reduction when placed only a few inches apart. Splitting
thewiresconnecttwoequalinductorsinparallel.However,
when placed in close proximity to each other, their mu-
tual inductance adds to the overall self inductance of the
wires — therefore a 50% reduction is not possible in such
cases. The second and more effective technique to reduce
the overall inductance is to place the forward and return
current conductors (the input and ground wires) in close
proximity. Two 30-AWG wires separated by 0.02" reduce
the overall inductance to about one-fifth of a single wire.
IfabatterymountedincloseproximitypowerstheLT3045,
a 4.7µF input capacitor suffices for stability. However, if a
distantly located supply powers the LT3045, use a larger
value input capacitor. Use a rough guideline of 1µF (in
addition to the 4.7µF minimum) per 6" of wire length.
The minimum input capacitance needed to stabilize the
application also varies with the output capacitance as well
as the load current. Placing additional capacitance on the
LT3045’soutputhelps.However,thisrequiressignificantly
morecapacitancecomparedtoadditionalinputbypassing.
SeriesresistancebetweenthesupplyandtheLT3045input
alsohelpsstabilizetheapplication;aslittleas0.1Ωto0.5Ω
suffices. This impedance dampens the LC tank circuit at
the expense of dropout voltage. A better alternative is to
use a higher ESR tantalum or electrolytic capacitor at the
LT3045 input in parallel with a 4.7µF ceramic capacitor.
PSRR and Input Capacitance
For applications utilizing the LT3045 for post-regulating
switching converters, placing a capacitor directly at
the LT3045 input results in ac current (at the switching
frequency) to flow near the LT3045. This relatively high-
frequency switching current generates a magnetic field
that couples to the LT3045 output, thereby degrading its
effective PSRR. While highly dependent on the PCB, the
switching pre-regulator, the input capacitance, amongst
other factors, the PSRR degradation can be easily over
30dB at 1MHz. This degradation is present even if the
LT3045 is de-soldered from the board, because it ef-
fectively degrades the PSRR of the PC board itself. While
negligible for conventional low PSRR LDOs, LT3045’s
ultrahigh PSRR requires careful attention to higher order
parasitics in order to extract the full performance offered
by the regulator.
To mitigate the flow of high-frequency switching current
neartheLT3045,theLT3045inputcapacitorcanbeentirely
removed -- as long as the switching converter’s output
capacitor is located more than an inch away from the
LT3045.Magneticcouplingrapidlydecreaseswithincreas-
ing distance. Nonetheless, if the switching pre-regulator
is placed too far away (conservatively more than a couple
inches) from the LT3045, with no input capacitor present,
as with any regulator, the LT3045 input will oscillate at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com