Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3045
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3045 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3045 Datasheet HTML 21Page - Linear Technology LT3045 Datasheet HTML 22Page - Linear Technology LT3045 Datasheet HTML 23Page - Linear Technology LT3045 Datasheet HTML 24Page - Linear Technology LT3045 Datasheet HTML 25Page - Linear Technology LT3045 Datasheet HTML 26Page - Linear Technology LT3045 Datasheet HTML 27Page - Linear Technology LT3045 Datasheet HTML 28Page - Linear Technology LT3045 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LT3045
25
3045fa
For more information www.linear.com/LT3045
Typical applicaTions
Programming Undervoltage Lockout
10µF
33.2k
0.47µF
REN2
110k
REN1
49.9k
4.7µF
VIN
4V Turn-ON
3.4V Turn-OFF
OUT
IN
SET
LT3045
VOUT
3.3V
IOUT(MAX)
500mA
100µA
OUTS
EN/UV
ILIM
GND
PG
PGFB
3045 TA05
VIN(UVLO)RISING =1.24V • 1+
110k
49.9k
⎛
⎝
⎜
⎞
⎠
⎟
Ratiometric Tracking
10µF
0.1µF
10µF
33.2k
10µF
0.1µF
16.9k
VIN
5.5V TO 20V
OUT
IN
SET
LT3045
VOUT
3.3V
MIN LOAD 200µA
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
OUT
IN
SET
LT3045
VOUT
5V
100µA
OUTS
PGFB
ILIM
GND
PG
EN/UV
3045 TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com