Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6636BBCZ1 Datasheet(PDF) 38 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 34Page - Analog Devices AD6636BBCZ1 Datasheet HTML 35Page - Analog Devices AD6636BBCZ1 Datasheet HTML 36Page - Analog Devices AD6636BBCZ1 Datasheet HTML 37Page - Analog Devices AD6636BBCZ1 Datasheet HTML 38Page - Analog Devices AD6636BBCZ1 Datasheet HTML 39Page - Analog Devices AD6636BBCZ1 Datasheet HTML 40Page - Analog Devices AD6636BBCZ1 Datasheet HTML 41Page - Analog Devices AD6636BBCZ1 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
AD6636
Rev. 0 | Page 38 of 72
The interleaving function is a simple time-multiplexing
function, with lower data rate on the input side and higher data
rate on the output side. The output data rate is the sum of all
input stream data rates that are combined.
The channels that need to be combined are programmable with
sufficient flexibility. Table 22 gives the combinations that are
possible using a 4-bit word (stream control bits) in the Parallel
Port Control 2 register.
After interleaving of data (see the Output Data Router section),
the data is passed to the second subblock, in which either
complex filter completion or biphase filtering can be
performed.
Complex Filter Completion
In normal operation, each individual channel’s filter performs
real coefficient, complex data filtering.
Two channels are used to perform complex coefficient data
filtering. One channel is loaded with the real part (in-phase) of
the coefficients; the other channel is loaded with the imaginary
part (quadrature) of the coefficients.
The terms calculated are as follows:
• (ICi, QCi) from first channel
• (Icq, QCq) from the second channel
Using these terms, the complex filter is completed by applying
the following formula:
(I + jQ) (Ci + jCq) = (ICi − QCq) + j(ICq + QCi)
The channels to be combined can be programmed using a 3-bit
complex control word in the Parallel Output Control 2 register.
The values for the 3-bit control word and the corresponding
settings are listed in Table 23.
These outputs go to the six available AGCs. Not all AGCs need
to be used in the different applications, so unused AGCs can be
bypassed and the output data streams ignored by the parallel
output ports. For example, if Streams 0 and 1 are combined for a
complex filter, AGC 1 can be bypassed, because Stream 1 is
already combined into Stream 0 and sent to AGC 0.
Table 22. Stream Control Bit Combinations
Stream Control Bits
Output Streams
No. of Streams
0000
Ch 0/1 combined, Ch 2, Ch 3, Ch 4, Ch 5 independent
5
0001
Ch 0/1/2 combined, Ch 3, Ch 4, Ch5 independent
4
0010
Ch 0/1/2/3 combined; Ch 4, Ch 5 independent
3
0011
Ch 0/1/2/3/4 combined; Ch 5 independent
2
0100
Ch 0/1/2/3/4/5 combined
1
0101
Ch 0/1/2 combined, Ch 3/4/5 combined
2
0110
Ch 0/1 combined, Ch 2/3 combined, Ch 4/5 combined
3
0111
Ch 0/1 combined, Ch 2/3 combined, Ch 4, Ch 5 independent
3
1000
Ch 0/1/2 combined, Ch 3/4 combined, Ch 5 independent
3
1001
Ch 0/1/2/3 combined, Ch 4/5 combined.
2
Any other state
Independent channels
6
Table 23. Definitions for Complex Control Register Selections
Complex Control Word
Data Routing
Comments
000
No complex filters
Stream control register controls AGC usage.
001
Stream 0/1 combined
Allows Ch 0 and Ch 1 to form a complex filter.
010
Stream 0/1 combined, Stream 2/3
combined
Allows Ch 0 and Ch 1 to form a complex filter and Ch 2 and Ch 3 to
form a complex filter.
011
Stream 0/1 combined, Stream 2/3
combined, Stream 4/5 combined
Allows Ch 0 and Ch 1 to form a complex filter, Ch 2 and Ch 3 to form a
complex filte,r and Ch 4 and Ch 5 to form a complex filter.
101
Stream 0/1 Combined
Allows Ch 0 and Ch 1 to form a biphase filter.
110
Stream 0/1 combined, Stream 2/3
combined
Allows Ch 0 and Ch 1 to form a biphase filter, and Ch 2 and Ch 3 to
form a biphase filter.
111
Stream 0/1 combined, Stream 2/3
combined, Stream 4/5 combined
Allows Ch 0 and Ch 1 to form a biphase filter, Ch 2 and Ch 3 to form a
biphase filter, and Ch 4 and Ch 5 to form a biphase filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com