Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7441 Datasheet HTML 3Page - Analog Devices AD7441 Datasheet HTML 4Page - Analog Devices AD7441 Datasheet HTML 5Page - Analog Devices AD7441 Datasheet HTML 6Page - Analog Devices AD7441 Datasheet HTML 7Page - Analog Devices AD7441 Datasheet HTML 8Page - Analog Devices AD7441 Datasheet HTML 9Page - Analog Devices AD7441 Datasheet HTML 10Page - Analog Devices AD7441 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–7–
AD7451/AD7441
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the AD7451/AD7441 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
VIN+ to GND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VIN- to GND . . . . . . . . . . . . . . .
–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . .
-0.3 V to +7 V
Digital Output Voltage to GND . -0.3 V to VDD + 0.3 V
VREF to GND . . . . . . . . . . . . . . . . . -0.3 V to VDD +0.3 V
Input Current to Any Pin Except Supplies
2
. . . . ±10mA
Operating Temperature Range
Commercial (A, B Version) . . . . . . . . . -40
oC to +85oC
Storage Temperature Range . . . . . . . . . -65
oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +150
oC
JA Thermal Impedance
. . . . . . . . . . 205.9°C/W (µSOIC)
211.5°C/W (SOT-23)
JC Thermal Impedance
. . . . . . . . .
43.74°C/W (µSOIC)
91.99°C/W (SOT-23)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . +215
oC
Infared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . +220
oC
E S D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
Linearity
Package
Model
Range
Error (LSB)
1
Option
4
Branding Information
AD7451BRT
-40°C to +85°C
±1 LSB
RT-8
T B D
AD7451BRM
-40°C to +85°C
±1 LSB
RM-8
T B D
AD7441BRT
-40°C to +85°C
±0.5 LSB
RT-8
T B D
AD7441BRM
-40°C to +85°C
±0.5 LSB
RM-8
T B D
T B D
Evaluation Board
EVAL-CONTROL BRD2
3
Controller Board
ORDERING GUIDE
NOTES
1Linearity error here refers to Integral Non-linearity Error.
2This can be used as a stand-alone evaluation board or in conjunction with the EVALUATION BOARD CONTROLLER for evaluation/demonstration purposes.
3EVALUATION BOARD CONTROLLER. This board is a complete unit allowing a PC to control and communicate with all Analog Devices
evaluation boards ending in the CB designators. To order a complete Evaluation Kit, you will need to order the ADC evaluation board i.e.
TBD, the EVAL-CONTROL BRD2 and a 12V AC transformer.
See the TBD technote for more information.
4RT = SOT-23;
RM = µSOIC
Figure 3. Load Circuit for Digital Output Timing
Specifications
IOL
1.6mA
IOH
200µA
+1.6V
CL
50pF
TO
OUTPUT
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com