Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 1 Page - Analog Devices

  AD7441 Datasheet HTML 1Page - Analog Devices AD7441 Datasheet HTML 2Page - Analog Devices AD7441 Datasheet HTML 3Page - Analog Devices AD7441 Datasheet HTML 4Page - Analog Devices AD7441 Datasheet HTML 5Page - Analog Devices AD7441 Datasheet HTML 6Page - Analog Devices AD7441 Datasheet HTML 7Page - Analog Devices AD7441 Datasheet HTML 8Page - Analog Devices AD7441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. PrC 24/05/02
PreliminaryTechnicalData
PRELIMINARY TECHNICAL DATA
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7451/AD7441
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Pseudo Differential, 1MSPS,
12- & 10-Bit ADCs in 8-lead SOT-23
FEATURES
Fast Throughput Rate: 1MSPS
Specified for VDD of 2.7 V to 5.25 V
Low Power
at max Throughput Rate:
3.75 mW typ at 1MSPS with VDD = 3 V
9 mW typ at 1MSPS with VDD = 5 V
Pseudo Differential Analog Input
Wide Input Bandwidth:
70dB SINAD at 300kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface - SPITM/QSPITM/
MICROWIRETM/ DSP Compatible
Power-Down Mode: 1µA max
8 Pin SOT-23 and µSOIC Packages
APPLICATIONS
Transducer Interface
Battery Powered Systems
Data Acquisition Systems
Portable Instrumentation
Motor Control
Communications
GENERAL DESCRIPTION
The AD7451/AD7441 are respectively 12- and 10-bit,
high speed, low power, successive-approximation (SAR)
analog-to-digital converters that feature a pseudo differen-
tial analog input. These parts operate from a single 2.7 V
to 5.25 V power supply and feature throughput rates up to
1MSPS.
The parts contains a low-noise, wide bandwidth, differen-
tial track and hold amplifier (T/H) which can handle
input frequencies in excess of 1MHz with the -3dB point
being 20MHz typically. The reference voltage is 2.5 V
and is applied externally to the VREF pin.
The conversion process and data acquisition are controlled
using
CS and the serial clock allowing the device to inter-
face with Microprocessors or DSPs. The input signals are
sampled on the falling edge of
CS and the conversion is
also initiated at this point.
The SAR architecture of these parts ensures that there are
no pipeline delays.
FUNCTIONAL BLOCK DIAGRAM
The AD7451/41 use advanced design techniques to achieve
very low power dissipation at high throughput rates.
PRODUCT HIGHLIGHTS
1.Operation with 2.7 V to 5.25 V power supplies.
2.High Throughput with Low Power Consumption.
With a 3V supply, the AD7451/41 offer 3.75mW typ
power consumption for 1MSPS throughput.
3.Pseudo Differential Analog Input.
The VIN- input can be used as an offset from ground
4.Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock,
allowing the power to be reduced as the conversion time
is reduced through the serial clock speed increase. These
parts also feature a shutdown mode to maximize power
efficiency at lower throughput rates.
5.No Pipeline Delay.
6.Accurate control of the sampling instant via a
CS input
and once off conversion control.
MICROWIRE is a trademark of National Semiconductor Corporation.
SPI and QSPI are trademarks of Motorola, Inc.
12-BIT SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
AD7451/
AD7441
VIN+
VIN-
VREF
GND
SCLK
SDATA
+5
VDD
T/H


Similar Part No. - AD7441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441 Datasheet
629Kb / 24P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD74412R AD-AD74412R Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ AD-AD74412RBCPZ Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ-REEL AD-AD74412RBCPZ-REEL Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ-RL7 AD-AD74412RBCPZ-RL7 Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
More results

Similar Description - AD7441

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7453 AD-AD7453 Datasheet
253Kb / 20P
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV.0
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com