Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 3 Page - Analog Devices

  AD7441 Datasheet HTML 1Page - Analog Devices AD7441 Datasheet HTML 2Page - Analog Devices AD7441 Datasheet HTML 3Page - Analog Devices AD7441 Datasheet HTML 4Page - Analog Devices AD7441 Datasheet HTML 5Page - Analog Devices AD7441 Datasheet HTML 6Page - Analog Devices AD7441 Datasheet HTML 7Page - Analog Devices AD7441 Datasheet HTML 8Page - Analog Devices AD7441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–3–
AD7451/AD7441
Parameter
Test Conditions/Comments
B Version1
Units
CONVERSION RATE
Conversion
Time
888ns with an 18MHz SCLK
16
SCLK cycles
Track/Hold Acquisition Time
2
Sine Wave Input
200
ns max
Step Input
T B D
T B D
ns max
Throughput Rate6
1
MSPS max
POWER REQUIREMENTS
V DD
2.7/5.25
Vmin/max
I DD
5,7
Normal Mode(Static)
SCLK On or Off
0.5
mA typ
Normal Mode (Operational)
VDD = 5 V.
1.8
mA max
VDD = 3 V.
1.25
mA max
Full Power-Down Mode
SCLK On or Off
1
µA max
Power Dissipation
Normal Mode (Operational)
VDD =5 V.
9
mW max
VDD =3 V.
3.75
mW max
Full Power-Down
VDD =5 V. SCLK On or Off
5
µW max
VDD =3 V. SCLK On or Off
3
µW max
NOTES
1Temperature ranges as follows: B Versions: –40°C to +85°C.
2See ‘Terminology’ section.
3 A small DC input is applied to V
IN- to provide a pseudo ground for VIN+
4Sample tested @ +25°C to ensure compliance.
5See POWER VERSUS THROUGHPUT RATE section.
6See ‘Serial Interface Section’.
7Measured with a midscale DC input.
Specifications subject to change without notice.
AD7451 - SPECIFICATIONS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com