Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 1 Page - Linear Technology

  LTC3370 Datasheet HTML 1Page - Linear Technology LTC3370 Datasheet HTML 2Page - Linear Technology LTC3370 Datasheet HTML 3Page - Linear Technology LTC3370 Datasheet HTML 4Page - Linear Technology LTC3370 Datasheet HTML 5Page - Linear Technology LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3370
1
3370fb
For more information www.linear.com/LTC3370
Typical applicaTion
FeaTures
DescripTion
4-Channel 8A Configurable
Buck DC/DCs
The LTC®3370 is a highly flexible multioutput power
supply IC. The device includes four synchronous buck
converters, configured to share eight 1A power stages,
each of which is powered from independent 2.25V to
5.5V inputs.
The DC/DCs are assigned to one of eight power configu-
rations via pin programmable C1-C3 pins. The common
buck switching frequency may be programmed with an
external resistor, synchronized to an external oscillator,
or set to a default internal 2MHz clock.
The operating mode for all DC/DCs may be programmed
viathePLL/MODEpinforBurstModeorforcedcontinuous
mode operation. A PGOODALL output indicates when all
enabled DC/DCs are within a specified percentage of their
final output value.
To reduce input noise, the buck converters are phased
in 90° steps. Precision enable pin thresholds facilitate
reliable power-up sequencing. The LTC3370 is available
in a 32-lead 5mm × 5mm QFN package.
applicaTions
n
8 × 1A Power Stages Configurable as 2, 3, or 4 Output
Channels
n
8 Unique Output Configurations (1A to 4A Per Channel)
n
Independent VIN Supplies for Each DC/DC
(2.25V to 5.5V)
n
Low Total No Load Supply Current:
n
Zero Current In Shutdown (All Channels Off)
n
63µA One Channel Active in Burst Mode®Operation
n
18µA Per Additional Channel
n
Precision Enable Pin Thresholds for Autonomous
Sequencing
n
1MHz to 3MHz RT Programmable Frequency
(2MHz Default) or PLL Synchronization
n
Temp Monitor Indicates Die Temperature
n
PGOODALL Pin Indicates All Enabled Bucks Are in
Regulation
n
32-Lead 5mm × 5mm QFN Package
n
General Purpose Multichannel Power Supplies:
Automotive, Industrial, Distributed Power Systems
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Buck Efficiency vs ILOAD
C3
C2
C1
BUCK1 BUCK2 BUCK3 BUCK4
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
2A
3A
3A
4A
3A
4A
4A
4A
2A
1A
1A
1A
2A
–
–
–
2A
2A
1A
1A
–
2A
1A
–
2A
2A
3A
2A
3A
2A
3A
4A
2.25V TO 5.5V
VINA
VINB
VINE
VINF
VINC
VIND
VING
VINH
SWA
SWB
SWE
SWF
2.25V TO 5.5V
VOUT1
1.2V/2A
VOUT3
1.8V/2A
VOUT4
2.5V/2A
VOUT2
1.5V/2A
324k
649k
402k
715k
649k
806k
649k
665k
309k
2.7V TO 5.5V
LTC3370
VCC
C1 C2 C3
FB3
EN3
FB1
EN1
2.5V TO 5.5V
SWC
SWD
SWG
SWH
2.25V TO 5.5V
2.2µH
2.2µH
2.2µH
2.2µH
FB4
EN4
FB2
EN2
TEMP
PGOODALL
PLL/MODE
RT
3370 TA01a
GND
LOAD CURRENT (mA)
1
10
100
1000 4000
0
10
20
30
40
50
60
70
80
90
100
3370 TA01b
1A BUCK
2A BUCK
3A BUCK
4A BUCK
VIN = 3.3V
VOUT = 1.8V
f OSC = 1MHz
L = 3.3µH
Burst Mode OPERATION


Similar Part No. - LTC3370

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3370 LINER-LTC3370 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3370 AD-LTC3370 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3370 AD-LTC3370 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3370 AD-LTC3370 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3370 AD-LTC3370 Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
More results

Similar Description - LTC3370

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
8-Channel Parallelable 1A Buck DC/DCs
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3372 LINER-LTC3372 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com