Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
3370fb
For more information www.linear.com/LTC3370
applicaTions inForMaTion
Buck Switching Regulator Output Voltage and
Feedback Network
The output voltage of the buck switching regulators is
programmed by a resistor divider connected from the
switching regulator’s output to its feedback pin and is
given by VOUT = VFB(1 + R2/R1) as shown in Figure 1.
Typical values for R1 range from 40kΩ to 1MΩ. The buck
regulator transient response may improve with optional
capacitor, CFF, that helps cancel the pole created by the
feedback resistors and the input capacitance of the FB pin.
Experimentation with capacitor values between 2pF and
22pF may improve transient response.
the C1, C2, and C3 pins (see Table 1). Tables 3, 4, and 5
show recommended inductors for the combined power
stage configurations.
Theinputsupplyshouldbedecoupledwitha22µFcapacitor
while the output should be decoupled with a 47µF capaci-
tor for a 2A combined buck regulator. Likewise for 3A and
4A configurations the input and output capacitance must
be scaled up to account for the increased load. Refer to
the Capacitor Selection section for details on selecting a
proper capacitor.
In some cases it may be beneficial to use more power
stages than needed to achieve increased efficiency of the
active regulators. In general the efficiency will improve by
adding stages for any regulator running close to what the
rated load current would be without the additional stage.
For example, if the application requires a 1A regulator that
supplies close to 1A at a high duty cycle, a 3A regulator
that only peaks at 3A but averages a lower current, and
a 2A regulator that runs at 1.5A at a high duty cycle, bet-
ter efficiency may be achieved by using the 3A, 3A, 2A
configuration.
Input and Output Decoupling Capacitor Selection
The LTC3370 has individual input supply pins for each
buck power stage and a separate VCC pin that supplies
power to all top level control and logic. Each of these
pins must be decoupled with low ESR capacitors to GND.
These capacitors must be placed as close to the pins as
possible.Ceramicdielectriccapacitorsareagoodcompro-
mise between high dielectric constant and stability versus
temperature and DC bias. Note that the capacitance of a
capacitor deteriorates at higher DC bias. It is important
to consult manufacturer data sheets and obtain the true
capacitance of a capacitor at the DC bias voltage that it
will be operated at. For this reason, avoid the use of Y5V
dielectric capacitors. The X5R/X7R dielectric capacitors
offer good overall performance.
The input supply voltage Pins 1, 4, 5, 8, 17, 20, 21, 24 and
29 all need to be decoupled with at least 10µF capacitors. If
powerstagesarecombinedthesuppliesshouldbeshorted
with as short of a trace as possible, and the decoupling
capacitor should be scaled accordingly.
+
BUCK
SWITCHING
REGULATOR
VOUT
FB
R1
3370 F01
R2
CFF
OPTIONAL
COUT
Figure 1. Feedback Components
Buck Regulators
All four buck regulators are designed to be used with
inductors ranging from 1µH to 3.3µH depending on the
lowest switching frequency at which the buck regulator
must operate. When operating at 1MHz a 3.3µH inductor
should be used, while at 3MHz a 1µH inductor may be
used, or a higher value inductor may be used if reduced
current ripple is desired. Table 2 shows some recom-
mended inductors for the buck regulators. The bucks are
compensated to operate across the range of possible VIN
and VOUT voltages when the appropriate inductance is
used for the desired switching frequency.
Theinputsupplyshouldbedecoupledwitha10µFcapacitor
while the output should be decoupled with a 22µF capaci-
tor. Refer to the Capacitor Selection section for details on
selecting a proper capacitor.
Combined Buck Power Stages
The LTC3370 has eight power stages that can handle aver-
age load currents of 1A each. These power stages may be
combined in any one of eight possible combinations, via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com