Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3370 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology LTC3370 Datasheet HTML 22Page - Linear Technology LTC3370 Datasheet HTML 23Page - Linear Technology LTC3370 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC3370
24
3370fb
For more information www.linear.com/LTC3370
LINEAR TECHNOLOGY CORPORATION 2015
LT 0916 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ●www.linear.com/LTC3370
relaTeD parTs
Typical applicaTion
Combined Bucks with 3MHz Switching Frequency and Sequenced Power Up
PART NUMBER
DESCRIPTION
COMMENTS
LTC3589
8-Output Regulator with Sequencing and I2C
Triple I2C Adjustable High Efficiency Step-Down DC/DC Converters: 1.6A, 1A, 1A.
High Efficiency 1.2A Buck-Boost DC/DC Converter, Triple 250mA LDO Regulators.
Pushbutton On/Off Control with System Reset, Flexible Pin-Strap Sequencing
Operation. I2C and Independent Enable Control Pins, Dynamic Voltage Scaling and
Slew Rate Control. Selectable 2.25MHz or 1.12MHz Switching Frequency, 8µA
Standby Current, 40-Lead (6mm × 6mm × 0.75mm) QFN.
LTC3675
7-Channel Configurable High Power PMIC
Quad Synchronous Buck Regulators (1A, 1A, 500mA, 500mA). Buck DC/DCs Can be
Paralleled to Deliver Up to 2× Current with a Single Inductor. 1A Boost, 1A Buck-
Boost, 40V LED Driver. 44-Lead (4mm × 7mm × 0.75mm) QFN Package.
LTC3676
8-Channel Power Management Solution for
Application Processor
Quad Synchronous Buck Regulators (2.5A, 2.5A, 1.5A, 1.5A). Quad LDO Regulators
(300mA, 300mA, 300mA, 25mA). Pushbutton On/Off Control with System Reset.
DDR Solution with VTT and VTTR Reference. 40-Lead (6mm × 6mm × 0.75mm) QFN
Package.
LTC3375
LTC3374
8-Channel Programmable Configurable
1A DC/DC
8 × 1A Synchronous Buck Regulators. Can Connect Up to Four Power Stages in
Parallel to Make a Single Inductor, High Current Output (4A Maximum), 15 Output
Configurations Possible, 48-Lead (7mm × 7mm × 0.75mm) QFN Package (LTC3375)
38-Lead (5mm × 7mm × 0.75mm) QFN and TSSOP Packages (LTC3374).
LTC3371
4-Channel Configurable DC/DC with 8 × 1A
Power Stages
4 Synchronous Buck Regulators with 8 × 1A Power Stages. Can Connect Up to
Four Power Stages in Parallel to Make a Single Inductor, High Current Output (4A
Maximum), 8 Output Configurations Possible, Precision RST Monitoring with
Windowed Watchdog Timer (CT Programmable), 38-Lead (5mm × 7mm × 0.75mm)
QFN and TSSOP Packages.
LTC3370
EXPOSED PAD
1µH
SWA
SWB
SWC
FB1
VINC
VINB
VINA
VING
VINH
SWH
SWG
FB4
3370 TA05
1µH
649k
432k
324k
649k
2V
2A
2.25V TO 5.5V
2.5V TO 5.5V
1.2V
3A
2.25V TO 5.5V
68µF
10µF
10µF
10µF
10µF
10µF
47µF
1µH
C1
C2
C3
TEMP
PLL/MODE
EN1
EN2
EN3
EN4
SWE
SWF
FB3
PGOODALL
SWD
VIND
VINE
VINF
FB2
511k
162k
RT
VCC
VCC
MICROPROCESSOR
CONTROL
1µH
665k
309k
2.7V TO 5.5V
47µF
10µF
10µF
22µF
10µF
10µF
2.5V
2A
3.3V
1A
3.3V TO 5.5V
267k
MICROPROCESSOR
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com