Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HABC856 Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HABC856
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HABC856 Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HABC856 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HABC856 Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
3 / 5
HABC856/HABC857/HABC858(PNP)
GENERAL PURPOSE TRANSISTOR
-0.1
-1
-10
1
10
-0.1
-1
-10
-100
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
-0
-2
-4
-6
-8
-0
-2
-4
-6
-8
-0.1
-1
-10
-100
10
100
1000
-0.1
-1
-10
-100
-0.1
-1
-0.0
-0.3
-0.6
-0.9
-1.2
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-0.01
-0.1
-1
-20
f=1MHz
I
E
=0/I
C
=0
T
a
=25 ℃
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE
V
R
(V)
30
COMMON EMITTER
V
CE
=-5V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
500
P
C
—— T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
-9uA
-12uA
-15uA
-18uA
-24uA
-30uA
-27uA
-21uA
COMMON
EMITTER
T
a
=25℃
-6uA
I
B
=-3uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON EMITTER
V
CE
= -5V
I
C
T
a
=25℃
T
a
=100℃
COLLECTOR CURRENT
I
C
(mA)
I
C
f
T
——
h
FE
——
β=20
I
C
V
BEsat
——
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
-2
COMMON EMITTER
V
CE
=-5V
V
BE
I
C
——
T
a
=100℃
T
a
=25℃
BASE-EMMITER VOLTAGE
V
BE
(V)
β=20
T
a
=100℃
T
a
=25℃
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com