Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6902 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 8Page - Linear Technology LTC6902 Datasheet HTML 9Page - Linear Technology LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology LTC6902 Datasheet HTML 14Page - Linear Technology LTC6902 Datasheet HTML 15Page - Linear Technology LTC6902 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4632
12
4632fc
For more information www.linear.com/LTM4632
In this case, multiple LTM4632s should be setup to oper-
ate 180 degrees, 120 degrees or 90 degrees shift which
corresponds to 2-phase, 3-phase or 4-phase operation
by letting SYNC/MODE of the LTM4632 synchronize to
an external multiphase oscillator like LTC6902.
APPLICATIONS INFORMATION
33.2k
3.3
INTVCC
V+
PH
MOD
VOUT1
VOUT2
OUT1
0°
0°
180°
360°
180°
VDDQ
6A
VTT
6A
180°
OUT2
SET
SYNC/
MODE
VOUT1
VOUT2
SYNC/
MODE
DIV
GND
4632 F03
Figure 3. Example of Clock Phasing for 2-Phase
VDDQ Plus 2-Phase VTT Operation with LTC6902
Tie RUN1, TRACK/SS1 FB1 and COMP1 pin of each par-
alleling module together for VDDQ output. Tie RUN2,
VDDQIN, FB2 and COMP2 pin of each paralleling module
together for VTT output. Figure 22 shows an example of
two LTM4632 get paralleled to provide 6A VDDQ and 6A
VTT termination supply.
Input and Output RMS Ripple Current Cancellation
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by, the
number of phases used (assuming that the input volt-
age is greater than the number of phases used times
the output voltage). The output ripple amplitude is also
reduced by the number of phases used when all of the
outputs are tied together to achieve a single high output
current design.
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4632 F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 4. Input RMS Current Ratios to DC Load Current as a Function of Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com