Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6902 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 10Page - Linear Technology LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology LTC6902 Datasheet HTML 14Page - Linear Technology LTC6902 Datasheet HTML 15Page - Linear Technology LTC6902 Datasheet HTML 16Page - Linear Technology LTC6902 Datasheet HTML 17Page - Linear Technology LTC6902 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4632
14
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
From the equation, we could easily find out that, in the
Coincident tracking, the slave regulator’s TRACK/SS pin
resistor divider is always the same as its feedback divider.
RFB(SL)
RFB(SL) +60.4k
=
RTR(BOT)
RTR(TOP) +RTR(BOT)
For example, RTR(TOP) = 60.4k and RTR(BOT) = 60.4k is a
good combination for Coincident tracking for VOUT(MA) =
1.5V and VOUT(SL) = 1.2V application.
VIN
VOUT1
VOUT2
VTTR
FB1
GND
LTM4632
COMP1
COMP2
INTVCC
VIN
3.6V TO 15V RAIL
VOUT1
1.5V, 3A
10µF
16V
0.1µF
22µF
4V
RUN1
40.2k
PGOOD1
PGOOD2
RUN2
SYNC/MODE
TRACK/SS1
VDDQIN
VIN
VOUT1
VOUT2
VTTR
FB1
GND
LTM4632
COMP1
COMP2
INTVCC
VOUT2
1.2V, 3A
22µF
4V
RUN1
60.4k
4632 F06
40.2k
60.4k
VOUT1
PGOOD1
PGOOD2
RUN2
SYNC/MODE
TRACK/SS1
VDDQIN
Figure 6. Example Schematic of Ratiometric Output Voltage Tracking
TIME
MASTER OUTPUT
SLAVE OUTPUT
4632 F07
Figure 7. Output Coincident Tracking Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com