Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4615 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4615
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology LTM4615 Datasheet HTML 26Page - Linear Technology LTM4615 Datasheet HTML 27Page - Linear Technology LTM4615 Datasheet HTML 28Page - Linear Technology LTM4615 Datasheet HTML 29Page - Linear Technology LTM4615 Datasheet HTML 30Page - Linear Technology LTM4615 Datasheet HTML 31Page - Linear Technology LTM4615 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4639
32
4639f
For more information www.linear.com/LTM4639
LINEAR TECHNOLOGY CORPORATION 2014
LT 0914 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4639
RELATED PARTS
DESIGN RESOURCES
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM4637
Higher VIN Range Than the LTM4639
4.5V ≤ VIN ≤ 20V, 20A
LTM4611
Lower VIN Range Than the LTM4639
1.5V ≤ VIN ≤ 5.5V,15A, Auxiliary VBIAS Not Required
LTM4644
Quad Output, 4A Each
2.375V ≤ VIN ≤ 14V, Low VIN Required Auxiliary VBIAS, Current Share to 16A
LTM4615
Triple Output, 4A, 4A, 1.5A
2.375V ≤ VIN ≤ 5.5V, Auxiliary VBIAS Not Required
LTM4616
Dual Output, 8A Each
2.7V ≤ VIN ≤ 5.5V, Current Share to 16A, Auxiliary VBIAS Not Required
LTM4608A
Lower IOUT and Smaller Package Than the LTM4639
2.7V ≤ VIN ≤ 5.5V, 8A, 9mm × 15mm × 2.8mm
1.8V at 20A Design with Input Current and Temperature Monitoring
PGOOD
VOUT
VOUT_LCL
DIFF_OUT
VOSNS+
VOSNS–
VFB
LTM4639
R1
5k
RFB
30.1k
R3
125k
470pF
MEASURE TEMP
CIN
22µF
25V
×4
C7
0.1µF
C4
220µF
6.3V
X5R
×6
VOUT
1.8V
AT 20A
CONTINUOUS MODE
4639 TA02
10m
CFF
68pF
CBOT
22pF
CP
100pF
VIN
COMPA
COMPB
TRACK/SS
RUN
fSET
MODE_PLLIN
TEMP–
TEMP+
INTVCC
EXTVCC
SGND
GND OT_TEST
CPWR
+5V INPUT
LTC2990
GND
VCC
SDA
SCL
ADR0
V3
V4
ADR1
V2
V1
0.1µF
2-WIRE
I2C
INTERFACE
MEASURE IIN
CS
1200pF
RS
20k
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com