Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4645 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4645
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 20Page - Linear Technology LTM4645 Datasheet HTML 21Page - Linear Technology LTM4645 Datasheet HTML 22Page - Linear Technology LTM4645 Datasheet HTML 23Page - Linear Technology LTM4645 Datasheet HTML 24Page - Linear Technology LTM4645 Datasheet HTML 25Page - Linear Technology LTM4645 Datasheet HTML 26Page - Linear Technology LTM4645 Datasheet HTML 27Page - Linear Technology LTM4645 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTM4646
24
4646f
For more information www.linear.com/LTM4646
over 125°C delta equates to ~0.35%/°C loss increase. A
125°C maximum junction minus 25°C room temperature
equates to a 100°C increase. This 100°C increase multi-
plied by 0.35%/°C equals a 35% power loss increase at
the 125°C junction, thus the 1.35 multiplier.
The derating curves are plotted with VOUT1 and VOUT2 in
parallel single output operation starting at 20A of load
with low ambient temperature. The output voltages are
1V, 2.5V and 5V. These are chosen to include the lower
and higher output voltage ranges for correlating the ther-
mal resistance. Thermal models are derived from several
temperature measurements in a controlled temperature
chamber along with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at ~120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus the
ambient operating temperature specifies how much tem-
perature rise can be allowed. As an example in Figure 13,
the load current is derated to ~14.5A at ~95°C with no
air or heat sink and the power loss for the 12V to 1.0V
at 14.5A output is a ~3.04W loss. The ~3.04W loss is
calculated with the ~2.25W room temperature loss from
the 12V to 1.0V power loss curve at 14.5A, and the 1.35
multiplying factor at 125°C ambient. If the 95°C ambient
temperature is subtracted from the 125°C junction tem-
perature, then the difference of 30°C divided by 3.04W
equals a 9.9°C/W JA thermal resistance. Table 2 speci-
fies a 10.1°C/W value which is pretty close. The airflow
graphs are more accurate due to the fact that the ambient
temperature environment is controlled better with airflow.
As an example in Figure 13, the load current is derated to
~16.5A at ~95°C with 200LFM of airflow and the power
loss for the 12V to 1.0V at 16.5A output is a 3.7W loss.
The 3.7W loss is calculated with the ~2.75W room tem-
perature loss from the 12V to 1.0V power loss curve at
16.5A, and the 1.35 multiplying factor at 125°C ambient.
If the 95°C ambient temperature is subtracted from the
125°C junction temperature, then the difference of 30°C
divided by 3.7W equals a 8.1°C/W JA thermal resistance.
Table 2 specifies a 8.1°C/W value which is pretty close.
Tables 2 through 4 provide equivalent thermal resistances
for 1V, 2.5V and 5V outputs with and without airflow.
The derived thermal resistances in Tables 2 through 4
for the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss can
be derived from the power loss curves and adjusted with
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com