Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 1 Page - Linear Technology

  LTM8049 Datasheet HTML 1Page - Linear Technology LTM8049 Datasheet HTML 2Page - Linear Technology LTM8049 Datasheet HTML 3Page - Linear Technology LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTM4651
1
4651f
For more information www.linear.com/LTM4651
TYPICAL APPLICATION
FEATURES
DESCRIPTION
EN55022B Compliant 58V, 24W
Inverting-Output DC/DC
μModule Regulator
The LTM®4651 is an ultralow noise, 58V, 24W DC/DC
μModule® inverting topology regulator. It regulates a nega-
tive output voltage (VOUT–) from a positive input supply
voltage(VIN),andisdesignedtomeettheradiatedemissions
requirements of EN55022. Conducted emission require-
ments can be met by adding standard filter components.
Included in the package are the switching controller, power
MOSFETs, inductor, filters and support components.
The LTM4651 can regulate VOUT– to a value between
–0.5V and –26.5V, provided that its input and output
voltages adhere to the safe operating area criteria of the
LTM4651: VIN + |VOUT–| ≤ 58V. A switching frequency
range of 250kHz to 3MHz is supported (400kHz default)
and the module can synchronize to an external clock.
Despite being an inverting topology regulator, no level shift
circuitry is needed to interface to the LTM4651’s RUN,
PGOOD or CLKIN pins; those pins are referenced to GND.
The LTM4651 is offered in a 15mm × 9mm × 5.01mm BGA
package with SnPb or RoHS compliant terminal finish.
–24V, 2.25A* Ultralow Noise** DC/DC μModule Regulator
APPLICATIONS
n
Complete Low EMI Switch Mode Power Supply
n
EN55022 Class B Compliant
n
Wide Input Voltage Range: 3.6V to 58V
n
Up to 4A Output Current
n
24W Output from 12VIN to –24VOUT, PLOSS = 5W,
TA = 60°C, tRISE = 60°C, 200LFM
n
Output Voltage Range: –26.5V ≤ VOUT– ≤ –0.5V
n
Safe Operating Area: VIN + |VOUT–| ≤ 58V
n
±1.67% Total DC Output Voltage Error Over Line,
Load and Temperature (–40°C to 125°C)
n
Parallel and Current Share with Multiple LTM4651s
n
Constant-Frequency Current Mode Control
n
Frequency Synchronization Range: 250kHz to 3MHz
n
Power Good Indicator and Programmable Soft-Start
n
Overcurrent/Overvoltage/Overtemperature Protection
n
15mm × 9mm × 5.01mm BGA Package
n
Avionics, Industrial Control and Test Equipment
n
Video, Imaging and Instrumentation
n
48V Telecom and Network Power Supplies
n
RF Systems
L
, LT, LTC, LTM, Linear Technology , the Linear logo, LTpowerCAD and μModule are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners. Protected by U.S. Patents, including 5481178, 5705919, 5847554, 6580258.
Output Current Capability*
PINS NOT USED IN
THIS CIRCUIT:
CLKIN, PGOOD,
PGDFB, SW, EXTVCC
TEMP+, TEMP–, NC
ISETa
GND
ISETb
VIN
SVIN
VD
RUN
INTVCC
VINREG
COMPa
COMPb
fSET
PGND
GNDSNS
SVOUT–
VOUT–
LTM4651
–24VOUT,
UP TO 2.25A
10µF
×2
LOAD
90.9k
481k
4.7 F
4.7 F
VIN
3.6V
TO 34V
4651 TA01a
**See Figures 5 – 8 for DC2328A Radiated Emission Performance against EN55022B limits.
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4651 TA01b
*Current limit frequency-foldback activates at load currents higher than indicated
curves. Continuous output current capability subject to details of application
implementation. Switching frequency set per Table 1. See Notes 2 and 3.
VOUT– = –0.5V
VOUT– = –3.3V
VOUT– = –5V
VOUT– = –8V
VOUT– = –12V
VOUT– = –15V
VOUT– = –20V
VOUT– = –24V


Similar Part No. - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8049 LINER-LTM8049 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8049 LINER-LTM8049 Datasheet
896Kb / 20P
2.8VIN to 40VIN Isolated 關Module DC/DC Converter
More results

Similar Description - LTM8049

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
Triple Output, Low Voltage DC/DC 關Module Regulator
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4655 AD-LTM4655 Datasheet
3Mb / 54P
EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com