Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 5 Page - Linear Technology

  LTM8049 Datasheet HTML 1Page - Linear Technology LTM8049 Datasheet HTML 2Page - Linear Technology LTM8049 Datasheet HTML 3Page - Linear Technology LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTM4651
5
4651f
For more information www.linear.com/LTM4651
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit 1, VIN = 24V and electrically connected to SVIN and RUN, ISETa – SVOUT– =
24V, EXTVCC = PGND, CLKIN open circuit, RfSET = 57.6kΩ and RISET = 480kΩ and voltages referred to PGND unless otherwise noted.
Note 1: Stresses beyond those listing under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating conditions for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4651 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4651E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4651I is guaranteed to meet specifications over the full
internal operating temperature range. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal resistance and other environmental factors.
Note 3: See output current derating curves for different VIN, VOUT, and TA,
located in the Applications Information section.
Note 4: Minimum on-time, VIN Overvoltage Lockout and Overvoltage
Lockout Hysteresis, PGOOD Delay, and EXTVCC Switchover Threshold are
tested at wafer sort.
Note 5: VOUT(–0.5VDC)– low line regulation is tested at 3.6VIN, with fSET and
CLKIN open circuit. High line regulation is tested at 28VIN, and with CLKIN
driven at 200kHz—so as to ensure minimum on time criteria is met. The
LTM4651 is not recommended for applications where the minimum on-
time criteria (guardband to 90ns) is continuously violated. The LTM4651
can ride through events (such as VIN surge) where the on-time criteria is
transiently violated. See the Applications Information section.
Note 6: VOUT(–24VDC)– is tested at 3.6VIN and 34VIN, with CLKIN driven
with a 1.8MHz clock, ISETa – SVOUT– = 24V, and RfSET = 57.6kΩ. It is also
tested at 24VIN, with CLKIN driven with a 1.5MHz clock, RfSET = 57.6kΩ,
and RISET = 480kΩ.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: The INTVCC Abs Max peak output current is specified as the sum
of current drawn by circuits internal to the module biased off of INTVCC
and current drawn by external circuits biased off of INTVCC. See the
Applications Information section.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage Regulation Pin
VVINREG
VINREG Servo Voltage
VINREG Voltage During Output Current Regulation,
Measured with Respect to SVOUT–
l
1.8
2.0
2.2
V
IVINREG
VINREG Leakage Current
VINREG – SVOUT– = 2V
1
nA
INTVCC Regulator
VINTVCC
Channel Internal VCC Voltage, No
INTVCC Loading (IINTVCC = 0mA)
3.6V ≤ SVIN – SVOUT– ≤ 58V, EXTVCC = Open Circuit
5V ≤ SVIN – SVOUT– ≤ 58V, 3.2V ≤ EXTVCC – VOUT– ≤ 26.5V
(INTVCC Measured with Respect to VOUT–)
3.15
2.85
3.4
3.0
3.65
3.15
V
V
V
VEXTVCC(TH)
EXTVCC Switchover Voltage
(Note 4)
3.15
V
∆VINTVCC(LOAD)/
VINTVCC
INTVCC Load Regulation
0mA ≤ IINTVCC ≤ 30mA
–2
0.5
2
%
Temperature Sensor
∆VTEMP
Temperature Sensor Forward Voltage,
VTEMP+ – VTEMP–
ITEMP+ = 100µA and ITEMP– = –100μA at TA = 25°C
0.6
V
TC∆V(TEMP)
∆VTEMP Temperature Coefficient
–2.0
mV/°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com