Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8049
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 4 Page - Linear Technology

  LTM8049 Datasheet HTML 1Page - Linear Technology LTM8049 Datasheet HTML 2Page - Linear Technology LTM8049 Datasheet HTML 3Page - Linear Technology LTM8049 Datasheet HTML 4Page - Linear Technology LTM8049 Datasheet HTML 5Page - Linear Technology LTM8049 Datasheet HTML 6Page - Linear Technology LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTM4651
4
4651f
For more information www.linear.com/LTM4651
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit 1, VIN = 24V and electrically connected to SVIN and RUN, ISETa – SVOUT– =
24V, EXTVCC = PGND, CLKIN open circuit, RfSET = 57.6kΩ and RISET = 480kΩ and voltages referred to PGND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
IOUT(OCL)–
IOUT– Output Current Limit
2.45
A
Control Section
IISETa
Reference Current of ISETa Pin
VISETa – SVOUT– = 0.5V, 3.6V ≤ VIN ≤ 28V
0.1V ≤ VISETa – SVOUT– ≤ VIN – SVOUT– ≤ 58V
l
l
49.3
49
50
50
50.7
51
µA
µA
IGNDSNS
GNDSNS Leakage Current
VIN – SVOUT– = SVIN – SVOUT– = RUN – GND =
ISETa – SVOUT– = 58V
600
μA
tON(MIN)
Minimum On-Time
(Note 4 )
60
ns
VRUN
RUN Turn-On/-Off Thresholds
RUN Input Turn-On Threshold, RUN Rising
RUN Hysteresis
(RUN Thresholds Measured with Respect to GND)
l
1.08
1.2
130
1.32
V
mV
IRUN
RUN Leakage Current
VIN – 48V, RUN – GND = 3.3V
l
0.1
50
nA
Oscillator and Phase-Locked Loop (PLL)
fOSC
Oscillator Frequency Accuracy
VIN = 12V, ISETa – SVOUT– = 5V, and:
fSET Open Circuit
RfSET = 57.6kΩ (See fs Specification)
l
360
400
1.95
440
kHz
MHz
fSYNC
PLL Synchronization Capture Range
VIN = 12V, ISETa – SVOUT– = 5V, CLKIN Driven with a
GND-Referred Clock Toggling from 0.4V to 1.2V and
Having a Clock Duty Cycle:
From 10% to 90%; fSET Open Circuit
From 40% to 60%; RfSET = 57.6kΩ
250
1.3
550
3
kHz
MHz
VCLKIN
CLKIN Input Threshold
VCLKIN Rising, with Respect to GND
VCLKIN Falling, with Respect to GND
1.2
0.4
V
V
ICLKIN
CLKIN Input Current
VCLKIN = 5V with Respect to GND
VCLKIN = 0V with Respect to GND
–20
230
–5
500
μA
μA
Power Good Feedback Input and Power Good Output
OVPGDFB
Output Overvoltage PGOOD Upper
Threshold
PGDFB Rising, Differential Voltage from PGDFB
to SVOUT–
l
620
645
675
mV
UVPGDFB
Output Undervoltage PGOOD Lower
Threshold
PGDFB Falling, Differential Voltage from
PGDFB to SVOUT–
l
525
555
580
mV
∆VPGDFB
PGOOD Hysteresis
PGDFB Returning
8
mV
RPGDFB
Resistor Between PGDFB and SVOUT–
4.94
4.99
5.04
kΩ
RPGOOD
PGOOD Pull-Down Resistance
VPGOOD = 0.1V with Respect to GND, VPGDFB–SVOUT– <
UVPGDFB or VPGDFB – SVOUT– > OVPGDFB
700
1500
Ω
IPGOOD(LEAK)
PGOOD Leakage Current
VPGOOD = 3.3V with Respect to GND, UVPGDFB <
VPGDFB – SVOUT– < OVPGDFB
0.1
1
μA
tPGOOD(DELAY)
PGOOD Delay
PGOOD Low to High (Note 4)
PGOOD High to Low (Note 4)
16/fSW(HZ)
64/fSW(HZ)
s
s
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com