Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8046
6
8046fb
For more information www.linear.com/LTM8046
Typical perForMance characTerisTics
Maximum Output Current vs VIN
Maximum Output Current vs VIN
Minimum Load vs VIN
Minimum Load vs VIN
12VOUT Minimum Load vs VIN
Input Current vs VIN Output
Shorted
Temperature Rise vs Output
Current 3.3VOUT
Temperature Rise vs Output
Current 2.5VOUT
OUTPUT CURRENT (mA)
20
15
0
10
5
8046 G26
0
800
600
200
400
3.3VIN
5VIN
12VIN
24VIN
VIN (V)
800
700
600
400
500
200
300
8046 G19
0
10
30
20
1.8VOUT
2.5VOUT
3.3VOUT
BIAS = 3.3V
VIN (V)
600
500
400
200
300
0
100
8046 G20
0
27
24
21
3
6
9
12 15 18
5VOUT
8VOUT
12VOUT
BIAS = 3.3V
VIN (V)
25
20
15
0
10
5
8046 G23
0
12
8
4
BIAS = 3.3V
VIN (V)
120
100
80
0
60
40
20
8046 G24
0
40
30
10
20
BIAS = 3.3V
OUTPUT CURRENT (mA)
20
15
0
10
5
8046 G25
0
800
600
200
400
3.3VIN
5VIN
12VIN
24VIN
VIN (V)
7
6
5
3
4
0
2
1
8046 G22
0
30
20
10
5VOUT
BIAS = 3.3V
8VOUT
VIN (V)
35
30
25
15
20
0
10
5
8046 G21
0
32
24
8
16
1.8VOUT
2.5VOUT
3.3VOUT
BIAS = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com