Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTM8046
9
8046fb
For more information www.linear.com/LTM8046
block DiagraM
VIN
RUN
FB
*DO NOT ALLOW BIAS VOLTAGE TO EXCEED VIN
GND
0.1µF
1µF
VOUT
CURRENT
MODE
CONTROLLER
VOUT–
SS
BIAS*
8046 BD
•
•
operaTion
The LTM8046 is a stand-alone isolated flyback switching
DC/DC µModule converter that can deliver over 700mA of
output current. This module provides a regulated output
voltage programmable via one external resistor from 1.8V
to 12V. The input voltage range of the LTM8046 is 3.1V
to 31V. Given that the LTM8046 is a flyback converter,
the output current depends upon the input and output
voltages, so make sure that the input voltage is high
enough to support the desired output voltage and load
current. The Typical Performance Characteristics section
gives several graphs of the maximum load versus VIN for
several output voltages.
Asimplifiedblockdiagramisgiven.TheLTM8046contains
acurrentmodecontroller,powerswitchingelement,power
transformer, power Schottky diode, a modest amount of
input and output capacitance.
The LTM8046 has a galvanic primary to secondary isola-
tion rating of 2kVAC. This is verified by applying 3kVDC
between the primary to secondary for 1 second. Note
that the 2kVAC isolation is verified by a 3kVDC test. This
is because the 2kVAC waveform has a peak voltage 1.414
times higher than 2kV, or 2.83kVDC. For the LTM8046, at
least 3kVDC is applied. For further details please refer to
the Isolation and Working Voltage section.
An internal regulator provides power to the control cir-
cuitry. The bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3.1V, bias power will be drawn from
the external source, improving efficiency. VBIAS must not
exceed VIN. The RUN pin is used to turn on or off the
LTM8046, disconnecting the output and reducing the
input current to 1μA or less.
The LTM8046 is a variable frequency device. For a fixed
input and output voltage, the frequency decreases as
the load increases. For light loads, the current through
the internal transformer may be discontinuous, so that
frequency may appear to decrease. Note that a minimum
load is required to keep the output voltage in regulation.
Refer to the Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com