Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTM8046
16
8046fb
For more information www.linear.com/LTM8046
Typical applicaTions
Maximum Output Current vs VIN
Use Two LTM8046 Flyback Converters to Generate ±5V
VIN (V)
0
700
600
500
100
200
300
400
10
20
25
8046 TA03b
30
5
15
LTM8046
8046 TA03a
–5V
8.45k
1µF
VOUT
VIN
RUN
FB
SS
BIAS
GND
VOUT–
1µF
2kVAC ISOLATION
1µF
100µF
LTM8046
VIN
4.3V TO 26V
5V
8.45k
1µF
VOUT
VIN
RUN
FB
SS
BIAS
GND
VOUT–
1µF
2kVAC ISOLATION
22µF
100µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com