Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7813 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 1 Page - Linear Technology

  LTC7813 Datasheet HTML 1Page - Linear Technology LTC7813 Datasheet HTML 2Page - Linear Technology LTC7813 Datasheet HTML 3Page - Linear Technology LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3895
1
3895fa
For more information www.linear.com/LTC3895
Typical applicaTion
FeaTures
DescripTion
150V Low IQ, Synchronous
Step-Down DC/DC Controller
The LTC®3895 is a high performance step-down switching
regulator DC/DC controller that drives an all N-channel
synchronous power MOSFET stage that can operate from
input voltages up to 140V. A constant frequency current
mode architecture allows a phase-lockable frequency of
up to 850kHz.
The gate drive voltage can be programmed from 5V to 10V
to allow the use of logic or standard-level FETs to maxi-
mize efficiency. An integrated switch in the top gate driver
eliminates the need for an external bootstrap diode. An
internalchargepumpallowsfor100%dutycycleoperation.
Thelow40μAno-loadquiescentcurrentextendsoperating
run time in battery-powered systems. OPTI-LOOP® com-
pensation allows the transient response to be optimized
over a wide range of output capacitance and ESR values.
The LTC3895 features a precision 0.8V reference and
power good output indicator. The output voltage can be
programmedbetween0.8Vto60Vusingexternalresistors
or pin-programmed for a fixed 5V or 3.3V.
High Efficiency High Voltage 12V Output Step-Down Regulator
Efficiency and Power Loss
vs Load Current
applicaTions
n
Wide VIN Range: 4V to 140V (150V Abs Max)
n
Wide Output Voltage Range: 0.8V to 60V
n
Adjustable Gate Drive Level: 5V to 10V (OPTI-DRIVE)
n
Low Operating IQ: 40μA (Shutdown = 10μA)
n
100% Duty Cycle Operation
n
No External Bootstrap Diode Required
n
Selectable Gate Drive UVLO Thresholds
n
Onboard LDO or External NMOS LDO for DRVCC
n
EXTVCC LDO Powers Drivers from VOUT
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Programmable Fixed Frequency (50kHz to 900kHz)
n
Selectable Continuous, Pulse-Skipping or Low Ripple
Burst Mode® Operation at Light Loads
n
Adjustable Burst Clamp and Current Limit
n
Adjustable or Fixed (5V/3.3V) Output Voltage
n
Power Good Output Voltage Monitor
n
Programmable Input Overvoltage Lockout
n
38-Lead TSSOP High Voltage Package
n
Automotive and Industrial Power Systems
n
High Voltage Battery Operated Systems
n
Telecommunications Power Systems
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, PolyPhase, Linear Technology and the Linear logo
are registered trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including 5481178, 5705919,
5929620, 6144194, 6177787, 6580258.
0.1µF
4.7µF
6m
511k
150µF
36.5k
1nF
0.1µF
0.1µF
10k
4.7nF
100pF
100µF
33µH
30.1k
VIN
INTVCC
CPUMP_EN
ITH
SS
FREQ
GND
LTC3895
TG
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
BOOST
RUN
NDRV
DRVCC
VIN
7V to 140V
VOUT
12V*
5A
x3
*VOUT FOLLOWS VIN WHEN VIN < 12V
POWER LOSS
VIN = 48V
EFFICIENCY
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1k
10k
3895 TA01b


Similar Part No. - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LTC7813 AD-LTC7813 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7813 AD-LTC7813 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3894 LINER-LTC3894 Datasheet
1Mb / 32P
150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC7810 LINER-LTC7810 Datasheet
543Kb / 40P
150V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com