Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7813 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 4 Page - Linear Technology

  LTC7813 Datasheet HTML 1Page - Linear Technology LTC7813 Datasheet HTML 2Page - Linear Technology LTC7813 Datasheet HTML 3Page - Linear Technology LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3895
4
3895fa
For more information www.linear.com/LTC3895
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
TG Pull-up On-Resistance
TG Pull-down On-Resistance
VDRVSET = INTVCC
2.2
1.0
Ω
Ω
BG Pull-up On-Resistance
BG Pull-down On-Resistance
VDRVSET = INTVCC
2.0
1.0
Ω
Ω
BOOST to DRVCC Switch On-Resistance VSW = 0V, VDRVSET = INTVCC
11
Ω
TG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
BG Transition Time:
Rise Time
Fall Time
(Note 6) VDRVSET = INTVCC
CLOAD = 3300pF
CLOAD = 3300pF
25
15
ns
ns
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF each driver, VDRVSET = INTVCC
55
ns
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF each driver, VDRVSET = INTVCC
50
ns
tON(MIN)
TG Minimum On-Time
(Note 7) VDRVSET = INTVCC
80
ns
Charge Pump for High Side Driver Supply
ICPUMP
Charge Pump Output Current
VBOOST =16V, VSW = 12V, VFREQ = 0V
VBOOST =19V, VSW = 12V, VFREQ = 0V
65
55
µA
µA
DRVCC LDO Regulator
DRVCC Voltage from NDRV LDO
Regulator
NDRV Driving External NFET, VEXTVCC = 0V
7V < VIN < 150V, DRVSET = 0V
11V < VIN < 150V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
DRVCC Load Regulation from NDRV
LDO Regulator
NDRV Driving External NFET
ICC = 0mA to 50mA, VEXTVCC = 0V
0
1.0
%
DRVCC Voltage from Internal VIN LDO NDRV = DRVCC, VEXTVCC = 0V
7V < VIN < 150V, DRVSET = 0V
11V < VIN < 150V, DRVSET = INTVCC
5.6
9.5
5.85
9.85
6.1
10.3
V
V
DRVCC Load Regulation from VIN LDO ICC = 0mA to 50mA, VEXTVCC = 0V
DRVSET = 0V
DRVSET = INTVCC
1.4
0.9
2.5
2.0
%
%
DRVCC Voltage from Internal EXTVCC
LDO
7V < VEXTVCC < 13V, DRVSET = 0V
11V < VEXTVCC < 13V, DRVSET = INTVCC
5.8
9.6
6.0
10.0
6.2
10.4
V
V
DRVCC Load Regulation from Internal
EXTVCC LDO
ICC = 0mA to 50mA
DRVSET = 0V, VEXTVCC = 8.5V
DRVSET = INTVCC, VEXTVCC = 13V
0.7
0.5
2.0
2.0
%
%
EXTVCC LDO Switchover Voltage
EXTVCC Ramping Positive
DRVUV = 0V
DRVUV = INTVCC, DRVSET = INTVCC
4.5
7.4
4.7
7.7
4.9
8.0
V
V
EXTVCC Hysteresis
250
mV
Programmable DRVCC
RDRVSET = 50k
NDRV Driving External NFET, VEXTVCC = 0V
5.0
V
Programmable DRVCC
RDRVSET = 70k
NDRV Driving External NFET, VEXTVCC = 0V
6.4
7.0
7.6
V
Programmable DRVCC
RDRVSET = 90k
NDRV Driving External NFET, VEXTVCC = 0V
9.0
V
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG = FLOAT unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com