Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7813 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC7813
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 5 Page - Linear Technology

  LTC7813 Datasheet HTML 1Page - Linear Technology LTC7813 Datasheet HTML 2Page - Linear Technology LTC7813 Datasheet HTML 3Page - Linear Technology LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3895
5
3895fa
For more information www.linear.com/LTC3895
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INTVCC LDO Regulator
VINTVCC
INTVCC Voltage
ICC = 0mA to 2mA
4.7
5.0
5.2
V
Oscillator and Phase-Locked Loop
Programmable Frequency
RFREQ = 25k, PLLIN = DC Voltage
105
kHz
Programmable Frequency
RFREQ = 65k, PLLIN = DC Voltage
375
440
505
kHz
Programmable Frequency
RFREQ =105k, PLLIN = DC Voltage
835
kHz
Low Fixed Frequency
VFREQ = 0V, PLLIN = DC Voltage
320
350
380
kHz
High Fixed Frequency
VFREQ = INTVCC, PLLIN = DC Voltage
485
535
585
kHz
fSYNC
Synchronizable Frequency
PLLIN = External Clock
l
75
850
kHz
PLLIN Input High Level
PLLIN Input Low Level
PLLIN = External Clock
PLLIN = External Clock
l
l
2.8
0.5
V
V
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.02
0.04
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 3.3V
10
µA
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
Hysteresis
–13
–10
2.5
–7
%
%
VFB with Respect to Set Regulated Voltage
VFB Ramping Positive
Hysteresis
7
10
2.5
13
%
%
Delay for Reporting a Fault
40
µs
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VEXTVCC = 0V, VDRVSET = 0V,
VPRG = FLOAT unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Ratings for extended periods may affect device reliability and
lifetime.
Note 2: The LTC3895 is tested under pulsed load conditions such that TJ ≈
TA. The LTC3895E is guaranteed to meet performance specifications from
0°C to 85°C. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3895I is guaranteed over the
–40°C to 125°C operating junction temperature range and the LTC3895H
is guaranteed over the –40°C to 150°C operating junction temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance
and other environmental factors. High temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater
than 125ºC. The junction temperature (TJ, in °C) is calculated from the
ambient temperature (TA, in °C) and power dissipation (PD, in Watts)
according to the formula:
TJ = TA + (PD • θJA)
where θJA = 28°C/W for the TSSOP package.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: The LTC3895 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB. The specification at 85°C
is not tested in production and is assured by design, characterization and
correlation to production testing at other temperatures (125°C for the
LTC3895E and LTC3895I, 150°C for the LTC3895H). For the LTC3895I
and LTC3895H, the specification at 0°C is not tested in production and is
assured by design, characterization and correlation to production testing
at –40°C.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See the Applications information
section.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current >40% of IMAX (See Minimum On-Time
Considerations in the Applications Information section).
Note 8: Do not apply a voltage or current source to these pins. They must
be connected to capacitive loads only, otherwise permanent damage may
occur.
Note 9: Do not apply a voltage or current source to the NDRV pin, other
than tying NDRV to DRVCC when not used. If used it must be connected
to capacitive loads only (see DRVCC Regulators in the Applications
Information section), otherwise permanent damage may occur.
Note 10: The minimum input supply operating range is dependent on the
DRVCC UVLO thresholds as determined by the DRVUV pin setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com