Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8705
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology LT8705 Datasheet HTML 19Page - Linear Technology LT8705 Datasheet HTML 20Page - Linear Technology LT8705 Datasheet HTML 21Page - Linear Technology LT8705 Datasheet HTML 22Page - Linear Technology LT8705 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
LTC7812
19
7812fc
For more information www.linear.com/LTC7812
Figure 1. Sense Lines Placement with Inductor or Sense Resistor
APPLICATIONS INFORMATION
Cascaded Boost+Buck Regulator
The LTC7812 can be configured to regulate two separate,
completely independent outputs, one boost and one buck.
Or, it can be configured as a cascaded Boost+Buck single
output converter that regulates an output voltage from
an input voltage that can be above, below, or equal to the
output voltage. When cascaded, the input voltage feeds
the boost regulator, which generates an intermediate node
supply (VMID) that then serves as the input to the buck
regulator, which then regulates the output voltage.
When used as a cascaded Boost+Buck regulator, the
LTC7812 has distinct advantages compared to traditional
single inductor buck-boost regulators. Even though it
requires two inductors, these inductors are individually
smaller and provide inherent filtering at the input and
output, substantially reducing conducted EMI and volt-
age ripple, thereby requiring less input and output filter-
ing. Even though they are cascaded, the boost and buck
regulatorsareindependentlyoptimizedandcompensated.
The buck regulator on the output provides a very fast
transient response compared to a buck-boost regulator,
further reducing the amount of output capacitance that is
required. The LTC7812 also features a very low quiescent
current Burst Mode operation which dramatically reduces
power loss and increases efficiency at light loads. Thus,
for those applications that require low EMI, low ripple,
fasttransientresponse,lowquiescentcurrent,and/orhigh
light load efficiency, the LTC7812 cascaded Boost+Buck
regulator provides an excellent solution.
TheTypicalApplicationonthefirstpageisabasicLTC7812
application circuit. LTC7812 can be configured to use
either DCR (inductor resistance) sensing or low value
resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption, and accuracy. DCR sensing
is becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs are selected. Finally, input and output
capacitors are selected.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the cur-
rent comparators.
BuckController(SENSE1+/SENSE1–):Thecommonmode
voltage range on these pins is 0V to 28V (absolute maxi-
mum), enabling the LTC7812 to regulate a buck output
voltage up to a nominal 24V set point (allowing margin
for tolerances and transients). The SENSE1+ pin is high
impedance over the full common mode range, drawing
at most ±1µA. This high impedance allows the current
comparators to be used in inductor DCR sensing. The
impedance of the SENSE1– pin changes depending on
the common mode voltage. When SENSE1– is less than
INTVCC–0.5V, a small current of less than 1µA flows out
of the pin. When SENSE1– is above INTVCC+0.5V,ahigher
current(≈700µA)flowsintothepin.BetweenINTVCC–0.5V
andINTVCC+0.5V, thecurrenttransitionsfromthesmaller
current to the higher current.
Boost Controller (SENSE2+/SENSE2–): The common mode
input range for these pins is 2.5V to 38V, allowing the boost
converter to operate from inputs over this full range. The
SENSE2+ pin also provides power to the current compara-
tor and draws about 170µA during normal operation (when
not shut down or asleep in Burst Mode operation). There is
a small bias current of less than 1µA that flows out of the
SENSE2–pin.ThishighimpedanceontheSENSE2–pinallows
the current comparator to be used in inductor DCR sensing.
Filter components mutual to the sense lines should be
placed close to the LTC7812, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 1). Sensing cur-
7812 F01
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com