Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 44 Page - Linear Technology

Part # LT8705
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 44 Page - Linear Technology

Back Button LT8705 Datasheet HTML 36Page - Linear Technology LT8705 Datasheet HTML 37Page - Linear Technology LT8705 Datasheet HTML 38Page - Linear Technology LT8705 Datasheet HTML 39Page - Linear Technology LT8705 Datasheet HTML 40Page - Linear Technology LT8705 Datasheet HTML 41Page - Linear Technology LT8705 Datasheet HTML 42Page - Linear Technology LT8705 Datasheet HTML 43Page - Linear Technology LT8705 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LTC7812
44
7812fc
For more information www.linear.com/LTC7812
© LINEAR TECHNOLOGY CORPORATION 2015
LT 0517 REV C • PRINTED IN USA
www.linear.com/LTC7812
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM4609
36VIN, 34VOUT, Buck-Boost µModule Regulator
4.5V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V, Up to 4A, 15mm × 15mm LGA and
BGA Packages
LTM8056
58VIN, 48VOUT, Buck-Boost µModule Regulator
5V ≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V, Up to 5.4A, 15mm × 15mm × 4.92mm
BGA Package
LTC3789
High Efficiency Synchronous 4-Switch Buck-Boost
Controller
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 38V, 4mm × 5mm QFN-28, SSOP-28
LT3790
60V 4-Switch Synchronous Buck-Boost Controller
4.7V ≤ VIN ≤ 60V, 1.2V ≤ VOUT ≤ 60V, TSSOP-38
LT8705
80V VIN and VOUT Synchronous 4-Switch Buck-Boost
DC/DC Controller
2.8V ≤ VIN ≤ 80V, 1.3V ≤ VOUT ≤ 80V, Regulates VOUT, IOUT, VIN, IIN, 5mm
× 7mm QFN-38, Modified TSSOP Package for High Voltage
LTC3786
Low IQ Synchronous Step-Up DC/DC Controller
4.5V (Down to 2.5V after Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, IQ = 55µA
PLL Fixed Frequency 50kHz to 900kHz, 3mm × 3mm QFN-16, MSOP-16E
LTC3787
Low IQ, Multiphase, Dual Channel Single Output
Synchronous Step-Up DC/DC Controller
4.5V (Down to 2.5V after Start-Up) ≤ VIN ≤ 38V, VOUT up to 60V, PLL Fixed
Frequency 50kHz to 900kHz, IQ = 135µA
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC Controller
with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V,
IQ = 50µA
LTC3899
60V, Triple Output, Buck/Buck/Boost Synchronous
Controller with 29µA Burst Mode IQ
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V, Buck
VOUT Range: 0.8V to 60V, Boost VOUT Up to 60V
LTC3859AL
38V, Low IQ, Triple Output, Buck/Buck/Boost Synchronous
Controller with 28µA Burst Mode IQ
4.5V (Down to 2.5V after Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, Buck
VOUT Range: 0.8V to 24V, Boost VOUT Up to 60V
LTC3892/
LTC3892-1
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC
Controller with 29µA Burst Mode IQ
4.5V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, 5mm × 5mm QFN-32,
TSSOP-28 Packages
Low EMI, Wide Input Range Pass-Through Cascaded Boost+Buck Regulator
VIN
5V TO 38V
DOWN TO
2.5V AFTER
START-UP
CIN1
33µF
CIN2,3
6.8µF
1000pF
CB2
0.1µF
4.7µF
DB1
DB2
CB1
0.1µF
VOUT
10V TO 16V*
8A**
VMID, 10V***
RSENSE2
2m
RSENSE1
3m
L2, 1µH
MBOT2
MTOP2
MTOP1
MBOT1
L1, 4.7µH
RB1
499k
RA1
26.1k
FREQ
INTVCC
VFB2
RUN1
4.75k
4.7nF
CSS2
0.01µF
CSS1
0.1µF
100pF
EXTVCC
PGOOD1
OV2
SS2
ITH1
SGND
7812 TA02
RUN2
ITH2
SENSE2–
SENSE2+
VFB1
PGND
VBIAS
TG2
SW2 BOOST2
BG2
BG1
BOOST1 SW1
TG1
SENSE1+ SENSE1–
PLLIN/MODE
TRACK/SS1
LTC7812
1k
6.8nF
820pF
CMID1,2,3,4
6.8µF
+
COUT3
47µF
COUT1,2
22µF
+
CMID5
33µF
RB2
499k
RA2
68.1k
+
1M
1M
INTVCC
PGOOD1
OV2
MTOP1, MTOP2, MBOT1, MBOT2: INFINEON BSC027N04LS
L1: WURTH 7443320470
L2: WURTH 7443320100
CIN1, CMID5: KEMET T521X336M050ATE075
COUT3: KEMET T521V476M020ATE055
DB1, DB2: CENTRAL SEMI CMDSH-4E
**WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED
***VMID = 10V WHEN VIN < 10V
VMID FOLLOWS VIN WHEN VIN > 10V
*VOUT = 10V WHEN VIN < 10V
VOUT = 16V WHEN VIN > 16V
VOUT FOLLOWS VIN WHEN VIN IS 10V TO 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com