Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3085 Datasheet HTML 3Page - Linear Technology LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology LT3085 Datasheet HTML 10Page - Linear Technology LT3085 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LT3045-1
7
30451fa
For more information www.linear.com/LT3045-1
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
Typical Dropout Voltage
Dropout Voltage
Quiescent Current
Quiescent Current
Quiescent Current
TJ = 25°C, unless otherwise noted.
VIN = 2V
VEN/UV = VIN
IL = 10µA
RSET = 13k
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
30451 G10
VEN/UV = 0V
VIN = 20V
VIN = 2V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
5
10
15
20
25
30
35
40
45
50
30451 G11
VEN/UV = VIN
IL = 10µA
RSET = 33.2kΩ
IVIOC = 10µA
INPUT VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
30451 G12
VIN = 6V
VEN/UV = VIN
IL = 10µA
150°C
125°C
25°C
–55°C
OUTPUT VOLTAGE (V)
0
2
4
1
3
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
30451 G13
RSET = 33.2k
150°C
125°C
25°C
–55°C
OUTPUT CURRENT (mA)
0 50 100 150 200 250 300 350 400 450 500
0
50
100
150
200
250
300
350
400
450
500
30451 G14
RSET = 33.2k
IL = 500mA
IL = 400mA
IL = 1mA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
50
100
150
200
250
300
350
400
450
500
30451 G15
GND Pin Current
GND Pin Current
GND Pin Current
VIN = 5V
RSET = 33.2k
IL = 500mA
IL = 300mA
IL = 100mA
IL = 1mA
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
2
4
6
8
10
12
14
16
18
20
30451 G16
VIN = 4.3V
RSET = 33.2k
150°C
125°C
25°C
–55°C
OUTPUT CURRENT (mA)
0 50 100 150 200 250 300 350 400 450 500
0
2
4
6
8
10
12
14
16
18
20
22
30451 G17
RSET = 33.2k
RL = 6.6Ω
RL = 11Ω
RL = 33Ω
RL = 330Ω
RL = 3.3kΩ
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9 10
0
2
4
6
8
10
12
14
16
18
30451 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com