Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology LT3085 Datasheet HTML 10Page - Linear Technology LT3085 Datasheet HTML 11Page - Linear Technology LT3085 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LT3045-1
8
30451fa
For more information www.linear.com/LT3045-1
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UV Pin Current
EN/UV Pin Current
Negative Enable Pin Current
Minimum Input Voltage
EN/UV Turn-On Threshold
EN/UV Pin Hysteresis
TJ = 25°C, unless otherwise noted.
RISING UVLO
FALLING UVLO
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
30451 G19
VIN = 2V
VIN = 10V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
1.18
1.20
1.22
1.24
1.26
1.28
1.30
1.32
30451 G20
VIN = 2V
VIN = 10V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
50
65
80
95
110
125
140
155
170
185
200
30451 G21
VIN = 20V
150°C
125°C
25°C
–55°C
ENABLE PIN VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
30451 G22
VIN = 20V
VIN = 2V
ENABLE PIN VOLTAGE (V)
0
2
4
6
8 10 12 14 16 18 20
0
1
2
3
4
5
6
7
8
9
10
30451 G23
VIN = 2V
150°C
125°C
25°C
–55°C
ENABLE PIN VOLTAGE (V)
–20 –18 –16 –14 –12 –10 –8 –6 –4 –2 0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
30451 G24
Input Pin Current
Internal Current Limit
Internal Current Limit
VIN = 2V
150°C
125°C
25°C
–55°C
ENABLE PIN VOLTAGE (V)
–20 –18 –16 –14 –12 –10 –8 –6 –4 –2 0
0
0.1
0.2
0.3
30451 G25
RILIM = 0Ω
VOUT = 0V
VIN = 2.5V
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
100
200
300
400
500
600
700
800
900
1000
30451 G26
VIN = 20V
RILIM = 0Ω
VOUT = 0V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
100
200
300
400
500
600
30451 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com