Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3085
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3085 Datasheet HTML 12Page - Linear Technology LT3085 Datasheet HTML 13Page - Linear Technology LT3085 Datasheet HTML 14Page - Linear Technology LT3085 Datasheet HTML 15Page - Linear Technology LT3085 Datasheet HTML 16Page - Linear Technology LT3085 Datasheet HTML 17Page - Linear Technology LT3085 Datasheet HTML 18Page - Linear Technology LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LT3045-1
16
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
The LT3045-1 is a high performance low dropout linear
regulator featuring LTC’s ultralow noise (2nV/√Hz at
10kHz) and ultrahigh PSRR (76dB at 1MHz) architecture
for powering noise sensitive applications. Designed as a
precision current source followed by a high performance
rail-to-rail voltage buffer, the LT3045-1 can be easily paral-
leled to further reduce noise, increase output current and
spread heat on the PCB. The device additionally features
programmable current limit, fast start-up capability and
programmable power good.
The LT3045-1 is easy to use and incorporates all of the
protection features expected in high performance regula-
tors. Included are short-circuit protection, safe operating
areaprotection,reverse-batteryprotection,reverse-current
protection, and thermal shutdown with hysteresis.
In addition to the LT3045 feature set, the LT3045-1 incor-
porates a VIOC tracking function to control an upstream
switching converter to maintain a constant voltage across
the LT3045-1 and hence minimize power dissipation.
Output Voltage
The LT3045-1 incorporates a precision 100µA current
source flowing out of the SET pin, which also ties to the
error amplifier’s inverting input. Figure 1 illustrates that
connectingaresistorfromSETtogroundgeneratesarefer-
ence voltage for the error amplifier. This reference voltage
is simply the product of the SET pin current and the SET
pin resistor. The error amplifier’s unity-gain configuration
produces a low impedance version of this voltage on its
noninverting input, i.e. the OUTS pin, which is externally
tied to the OUT pin.
Figure 1. Basic Adjustable Regulator
The LT3045-1’s rail-to-rail error amplifier and current
reference allows for a wide output voltage range from 0V
(using a 0Ω resistor) to VIN minus dropout — up to 15V.
A PNP-based input pair is active for 0V to 0.6V output
and an NPN-based input pair is active for output volt-
ages greater than 1.3V, with a smooth transition between
the two input pairs from 0.6V to 1.3V output. While the
NPN-based input pair is designed to offer the best overall
performance,refertotheElectricalCharacteristicsTablefor
details on offset voltage, SET pin current, output noise and
PSRR variation with the error amp input pair. Table 1 lists
many common output voltages and their corresponding
1% RSET resistors.
Table 1. 1% Resistor for Common Output Voltages
VOUT (V)
RSET (kΩ)
2.5
24.9
3.3
33.2
5
49.9
12
121
15
150
The benefit of using a current reference compared with a
voltagereferenceasusedinconventionalregulatorsisthat
the regulator always operates in unity gain configuration,
independent of the programmed output voltage. This al-
lows the LT3045-1 to have loop gain, frequency response
and bandwidth independent of the output voltage. As a
result, noise, PSRR and transient performance do not
change with output voltage. Moreover, since none of the
error amp gain is needed to amplify the SET pin voltage
to a higher output voltage, output load regulation is more
tightly specified in the hundreds of microvolts range and
not as a fixed percentage of the output voltage.
Since the zero TC current source is highly accurate, the
SET pin resistor can become the limiting factor in achiev-
ing high accuracy. Hence, it should be a precision resistor.
Additionally, any leakage paths to or from the SET pin
create errors in the output voltage. If necessary, use high
quality insulation (e.g., Teflon, Kel-F); moreover, clean-
ing of all insulating surfaces to remove fluxes and other
residues may be required. High humidity environments
may require a surface coating at the SET pin to provide
a moisture barrier.
100µA
IN
EN/UV
PGFB
VIOC
GND
OUT
LT3045-1
ILIM
PG
10µF
4.7µF
VIN
5V ±5%
0.47µF
VOUT, 3.3V
IOUT(MAX), 500mA
30451 F01
33.2k
SET
OUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com