Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1352 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 1 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT6023/LT6023-1
1
60231fa
For more information www.linear.com/LT6023
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Micropower, 1.4V/µs
Precision Rail-to-Rail
Output Amplifier
TheLT®6023isalowpower,enhanced slewrate,precision
operational amplifier. The proprietary circuit topology of
this amplifier gives excellent slew rate at low quiescent
power dissipation without compromising precision or
settling time. In addition, proprietary input stage circuitry
allows the input impedance to remain high during input
voltage steps as large as 5V. The combination of preci-
sion specs along with fast settling makes this part ideal
for MUX applications.
The low quiescent current of the LT6023 along with its
ability to operate on supplies as low as 3V make it useful
in portable systems. The LT6023-1 features a shutdown
mode which reduces the typical supply current to 800nA.
The LT6023 is available in the small 8-lead DFN and 8-lead
MSOP packages. The LT6023-1 is available in a 10-lead
DFN package.
±13.6V Input Range MUX Buffer
MUX Buffer Response, 12V Step
APPLICATIONS
n
Precision Signal Processing
n
DAC Amplifier
n
Multiplexed ADC Applications
n
Low Power Portable Systems
n
Low Power Wireless Sensor Networks
L
, LT, LTC, LTM, Linear Technology, SmartMesh and the Linear logo are registered trademarks
and SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Patent Pending.
n
Excellent Slew Rate to Power Ratio
n
Slew Rate: 1.4V/μs
n
Maximum Supply Current: 20μA/Amplifier
n
Maximum Offset Voltage: 30μV
n
High Dynamic Input Impedance
n
Fast Recovery from Shutdown
n
Maximum Input Bias Current: 3nA
n
No Output Phase Inversion
n
Gain Bandwidth Product: 40kHz
n
Wide Specified Supply Range: 3V to 30V
n
Operating Temperature Range: –40°C to 125°C
n
Rail-to-Rail Outputs
n
DFN and MS8 Packages
60231 TA01a
1/2 LTC203
–15V
15V
IN1
IN2
S1
S2
GND
V+
D1
D2
V–
15V
–15V
VIN1
–6V
VIN2
6V
–
+
1/2 LT6023
5
0
2V/DIV
20µs/DIV
60231 TA01b


Similar Part No. - LT1352

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1352 LINER-LT1352 Datasheet
325Kb / 12P
Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
399Kb / 16P
Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LT1352 LINER-LT1352 Datasheet
404Kb / 16P
Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
437Kb / 20P
Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT1352

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
Dual Precision, Rail-to-Rail Output
REV. 0
logo
Linear Technology
LT6020 LINER-LT6020_15 Datasheet
437Kb / 20P
Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6020-1 LINER-LT6020-1_15 Datasheet
437Kb / 20P
Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6023 LINER-LT6023_15 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
LT6023-1 LINER-LT6023-1_15 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
LT6020 LINER-LT6020 Datasheet
437Kb / 20P
Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com