Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1352 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 5 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT6023/LT6023-1
5
60231fa
For more information www.linear.com/LT6023
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
DD Packages
l
20
100
190
µV
µV
MS8 Package
l
5
45
175
µV
µV
∆VOSI
∆Temp
Input Offset Voltage Drift (Note 2)
DD Packages
l
–3.5
±0.9
3.5
µV/°C
MS8 Package
l
–2.9
±0.5
2.9
µV/°C
∆VOSI
∆Time
Long Term Input Offset Voltage Stability
±0.2
µV/Mo
IB
Input Bias Current
±1
nA
IOS
Input Offset Current
±0.1
nA
Input Noise Voltage
0.1Hz to 10Hz
3
µVP-P
en
Input Noise Voltage Density
f = 1Hz
f = 1kHz
132
132
nV/√Hz
nV/√Hz
in
Input Noise Current Density
f = 1kHz
12.1
fA/√Hz
CIN
Input Capacitance
Common Mode
Differential Mode
1.5
2.5
pF
pF
RIN
Input Resistance
Common Mode
Differential Mode
140
400
GΩ
MΩ
VICM
Common Mode Input Range
l
V– + 1.2
V+ – 1.4
V
CMRR
Common Mode Rejection Ratio
VCM = 1.2V to 1.6V
125
dB
PSRR
Supply Rejection Ratio
VS = 3V to 30V
l
120
110
140
dB
dB
AVOL
Large-Signal Voltage Gain
RL = 10kΩ, VOUT = 0.5V to 2.5V
l
98
95
108
dB
dB
RL = 100kΩ, VOUT = 0.5V to 2.5V
136
dB
VOL
Output Swing Low (VOUT – V–)
RL = 10kΩ
TA = –40° to 85°C
TA = –40° to 125°C
l
l
60
100
150
170
mV
mV
mV
VOH
Output Swing High (V+ – VOUT)
RL = 10kΩ
TA = –40° to 85°C
TA = –40° to 125°C
l
l
60
80
90
100
mV
mV
mV
ISC
Short-Circuit Current
VOUT = 1.5V, Sourcing
TA = –40° to 85°C
TA = –40° to 125°C
l
l
2.5
2.25
2
3.5
mA
mA
mA
VOUT = 1.5V, Sinking
TA = –40° to 85°C
TA = –40° to 125°C
l
l
3.5
2
2
5
mA
mA
mA
SR
Slew Rate (Note 3)
AVCL = –1, 2V Step
0.05
V/μs
GBW
Gain-Bandwidth Product
f = 1kHz
40
kHz
Minimum Supply Voltage
Guaranteed by PSRR
l
3
V
The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C, VS = 3V, VCM = VOUT = Mid-Supply, VDGND = 0V, VEN = 3V. DGND and EN
pin specifications only apply to the LT6023-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com