Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1352 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 2 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LT6023/LT6023-1
2
60231fa
For more information www.linear.com/LT6023
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................36V
Differential Input Voltage (within Supplies)...............36V
Input Voltage (DGND, EN, +IN, –IN)
(Relative to V–) .....................................................36V
Input Current (+IN, –IN, DGND, EN) ..................... ±10mA
Output Short-Circuit Duration.......................... Indefinite
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUTA
–INA
+INA
V–
V+
OUTB
–INB
+INB
9
A
B
θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 9) IS CONNECTED TO V– (PIN 4)
(PCB CONNECTION OPTIONAL)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
EN
OUTA
–INA
+INA
V–
DGND
A
B
θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS CONNECTED TO V– (PIN 4)
(PCB CONNECTION OPTIONAL)
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
θJA = 163°C/W, θJC = 40°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6023IDD#PBF
LT6023IDD#TRPBF
LGRS
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT6023HDD#PBF
LT6023HDD#TRPBF
LGRS
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT6023IDD-1#PBF
LT6023IDD-1#TRPBF
LGRV
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT6023HDD-1#PBF
LT6023HDD-1#TRPBF
LGRV
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT6023IMS8#PBF
LT6023IMS8#TRPBF
LTGRT
8-Lead Plastic MSOP
–40°C to 85°C
LT6023HMS8#PBF
LT6023HMS8#TRPBF
LTGRT
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating and Specified Temperature Range
I-Grade.................................................–40°C to 85°C
H-Grade ............................................ .–40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com