Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology LTC2602 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC2321-16
6
232116fc
For more information www.linear.com/2321-16
Typical perForMance characTerisTics
THD, Harmonics vs Input
Common Mode (1.2MHz)
SNR, SINAD vs Reference Voltage,
fIN = 500kHz
32k Point FFT, IMD, fS = 2Msps,
VIN+ = 100kHz, VIN– = 500kHz
32k Point FFT, fS = 2Msps,
fIN = 500kHz
SNR, SINAD vs Input Frequency
THD, Harmonics
vs Input Frequency
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFOUT1,2 =
4.096V, fSMPL = 2Msps, unless otherwise noted.
OUTPUT CODE
0
–8
–4
–6
–2
2
0
4
6
8
–24576
–8192
16384
32768
–32768
–16384
8192
24576
232116 G01
OUTPUT CODE
0
–1.0
0
–0.5
0.5
1.0
–24576
–8192
16384
32768
–32768
–16384
8192
24576
232116 G02
CODE
8000
18000
20000
–4
–2
0
4000
14000
6000
16000
2000
0
12000
10000
–5
–3
2
6
–1
1
4 5
3
232116 G03
232116 G04
FREQUENCY (MHz)
0
1
0.8
0.4
0.2
0.6
0
–20
–40
–60
–80
–100
–120
–140
SNR = 81.0dB
THD = –94.6dB
SINAD = 80.8dB
SFDR = 100.9dB
FREQUENCY (MHz)
0
80.0
80.5
81.5
81.0
82.0
82.5
83.0
1
0.5
1.5
2
2.5
232116 G05
SINAD
SNR
FREQUENCY (MHz)
–110
–105
–100
–95
–90
–85
232116 G06
0
1
0.5
1.5
2
2.5
H2
H3
THD
INPUT COMMON MODE (V)
1.7
–90
–85
–80
3.1
–95
–100
2.1
2.5
1.9
2.3
2.7 2.9
3.3
–105
–110
–75
232116 G07
H2
H3
THD
VREF (V)
0.5
78
80
4
76
74
1.5
2.5
1
2
3
4.5
3.5
5
68
72
82
70
232116 G08
SINAD
SNR
232116 G09
FREQUENCY (MHz)
0
1
0.8
0.4
0.2
0.6
0
–20
–40
–60
–80
–100
–120
–140
F1 = 100kHz
F2 = 500kHz
IMD = 97dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com