Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2602 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2602
Description  Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 12Page - Linear Technology LTC2602 Datasheet HTML 13Page - Linear Technology LTC2602 Datasheet HTML 14Page - Linear Technology LTC2602 Datasheet HTML 15Page - Linear Technology LTC2602 Datasheet HTML 16Page - Linear Technology LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC2321-16
16
232116fc
For more information www.linear.com/2321-16
applicaTions inForMaTion
Input Filtering
The noise and distortion of the buffer amplifier and signal
source must be considered since they add to the ADC
noise and distortion. Noisy input signals should be filtered
prior to the buffer amplifier input with a low bandwidth
filter to minimize noise. The simple 1-pole RC lowpass fil-
ter shown in Figure 12 is sufficient for many applications.
The input resistor divider network, sampling switch on-
resistance (RON) and the sample capacitor (CIN) form a
second lowpass filter that limits the input bandwidth to
the ADC core to 110MHz. A buffer amplifier with a low
noise density must be selected to minimize the degrada-
tion of the SNR over this bandwidth.
High quality capacitors and resistors should be used in
the RC filters since these components can add distor-
tion. NPO and silver mica type dielectric capacitors have
excellent linearity. Carbon surface mount resistors can
generate distortion from self heating and from damage
that may occur during soldering. Metal film surface mount
resistors are much less susceptible to both problems.
ADC REFERENCE
Internal Reference
The LTC2321-16 has an on-chip, low noise, low drift
(20ppm/°C max), temperature compensated bandgap
reference. It is internally buffered and is available at
REFOUT1,2 (Pins 12, 26). The reference buffer gains
the internal reference voltage to 4.096V for supply volt-
ages VDD = 5V and to 2.048V for VDD = 3.3V. Bypass
REFOUT1,2 to REFRTN1,2 with the parallel combination
of a 0.1µF (X7R, 0402 size) capacitor and a 10μF (X5R,
0805 size) ceramic capacitor to compensate the reference
buffer and minimize noise. The 0.1µF capacitor should
be as close as possible to the LTC2321-16 package to
minimize wiring inductance. Tie the REFINT pin to VDD to
enable the internal reference buffer.
Table 1. REFOUT1,2 Sources and Ranges vs VDD
VDD
REFINT
PIN
REFOUT1,2 PIN
DIFFERENTIAL
SPAN
5V
5V
Internal 4.096V
±4.096V
5V
0V
External (1.25V to 5V)
±1.25V to ±5V
3.3V
3.3V
Internal 2.048V
±2.048V
3.3V
0V
External (1.25V to 3.3V)
±1.25V to ±3.3V
50
SINGLE-ENDED
INPUT SIGNAL
232116 F12
BW = 1MHz
3.3nF
SINGLE-ENDED
TO DIFFERENTIAL
DRIVER
IN+
IN–
LTC2321
Figure 12. Input Signal Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com