Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6237 Datasheet(PDF) 27 Page - Linear Technology

Part # LT6237
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT6237 Datasheet HTML 23Page - Linear Technology LT6237 Datasheet HTML 24Page - Linear Technology LT6237 Datasheet HTML 25Page - Linear Technology LT6237 Datasheet HTML 26Page - Linear Technology LT6237 Datasheet HTML 27Page - Linear Technology LT6237 Datasheet HTML 28Page - Linear Technology LT6237 Datasheet HTML 29Page - Linear Technology LT6237 Datasheet HTML 30Page - Linear Technology LT6237 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LTC2373-16
27
237316fa
For more information www.linear.com/LTC2373-16
Figure 11c. 32k Point FFT fSMPL = 1Msps, fIN = 1kHz for
Circuit Shown in Figure 11b
ADC REFERENCE
There are three ways of providing the ADC reference. The
first is to use both the internal reference and reference
buffer. The second is to externally overdrive the internal
reference and use the internal reference buffer. The third
is to disable the internal reference buffer and overdrive
the REFBUF pin from an external source. The following
tables give examples of these cases and the resulting fully
differential, unipolar and bipolar input ranges.
Table 2. Internal Reference with Internal Buffer
REFIN
REFBUF
FULLY
DIFFERENTIAL
INPUT RANGE
UNIPOLAR
INPUT RANGE
BIPOLAR
INPUT RANGE
2.048V
4.096V
±4.096V
0V to 4.096V
±2.048V
Table 3. External Reference with Internal Buffer
REFIN
(OVERDRIVE) REFBUF
FULLY
DIFFERENTIAL
INPUT RANGE
UNIPOLAR
INPUT RANGE
BIPOLAR
INPUT RANGE
1.25 (Min)
2.5V
±2.5V
0V to 2.5V
±1.25V
2.048V
4.096V
±4.096V
0V to 4.096V
±2.048V
2.4V (Max)
4.8V
±4.8V
0V to 4.8V
±2.4V
Table 4. External Reference Unbuffered
REFIN
REFBUF
FULLY
DIFFERENTIAL
INPUT RANGE
UNIPOLAR
INPUT RANGE
BIPOLAR
INPUT RANGE
0V
2.5V
(Min)
±2.5V
0V to 2.5V
±1.25V
0V
5V
(Max)
±5V
0V to 5V
±2.5V
applicaTions inForMaTion
Figure 12a. LTC2373-16 Internal Reference Circuit
Internal Reference with Internal Buffer
The LTC2373-16 has an on-chip, low noise, low drift
(20ppm/°C), temperature compensated bandgap refer-
ence that is factory trimmed to 2.048V. It is internally
connectedtoareferencebufferasshowninFigure12aand
is available at REFIN (Pin 13). REFIN should be bypassed
to GND with a 0.1μF ceramic capacitor to minimize noise.
The reference buffer gains the REFIN voltage by two to
4.096V at REFBUF (Pin 12). Bypass REFBUF to GND with
at least 47μF ceramic capacitor (X7R, 10V, 1210 size)
to compensate the reference buffer and minimize noise.
Figure 12b. Using the LTC6655-2.048 as an External Reference
External Reference with Internal Buffer
If more accuracy and/or lower drift is desired, REFIN
can be easily overdriven by an external reference since a
15k resistor is in series with the reference as shown in
Figure 12b. REFIN can be overdriven in the range from
1.25V to 2.4V. The resulting voltage at REFBUF will be
2 × REFIN. Linear Technology offers a portfolio of high
performance references designed to meet the needs of
SNR = 94dB
THD = –107.3dB
SINAD = 93.8dB
SFDR = 109.5dB
FREQUENCY (kHz)
0
100
200
300
400
500
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
237316 F11c
237316 F12a
47µF
6.5k
15k
LTC2373-16
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
0.1µF
237316 F12b
47µF
6.5k
15k
LTC2373-16
REFERENCE
BUFFER
REFBUF
REFIN
GND
BANDGAP
REFERENCE
6.5k
2.7µF
LTC6655-2.048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com