Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6237 Datasheet(PDF) 31 Page - Linear Technology

Part # LT6237
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 31 Page - Linear Technology

Back Button LT6237 Datasheet HTML 27Page - Linear Technology LT6237 Datasheet HTML 28Page - Linear Technology LT6237 Datasheet HTML 29Page - Linear Technology LT6237 Datasheet HTML 30Page - Linear Technology LT6237 Datasheet HTML 31Page - Linear Technology LT6237 Datasheet HTML 32Page - Linear Technology LT6237 Datasheet HTML 33Page - Linear Technology LT6237 Datasheet HTML 34Page - Linear Technology LT6237 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
LTC2373-16
31
237316fa
For more information www.linear.com/LTC2373-16
edge on SCK will wake the part up. Upon emerging from
sleep mode, wait tWAKE ms before initiating a conversion
to allow the reference and reference buffer to wake-up
and charge the bypass capacitors at REFIN and REFBUF.
(Refer to the Timing Diagrams section for more detailed
timing information about sleep mode.)
DIGITAL INTERFACE
The LTC2373-16 has a serial digital interface. The flexible
OVDDsupplyallowstheLTC2373-16tocommunicatewith
any digital logic operating between 1.8V and 5V, including
2.5V and 3.3V systems.
The serial data I/O bus is enabled when RDL is low. Serial
output data is clocked out on the SDO pin and serial input
configuration data is clocked in at the SDI pin when an
external clock is applied to the SCK pin if the serial data
I/O bus is enabled. Serial output data transitions on rising
edgesofSCKandserialinputdataislatchedonrisingedges
of SCK. D15 remains valid till the first rising edge of SCK.
After the 16 bits of the conversion result are shifted out, a
start-of-sequence (SOS) bit followed by the 7-bit control
wordcorrespondingtotheconversionresultisshiftedout.
SDO will remain low after 24 SCK rising edges have been
issued. Clocking out the data and configuration informa-
tion after the conversion will yield the best performance.
Table 5 lists the minimum shift clock frequency needed to
achieve 1Msps throughput when shifting out a different
number of bits.
Table 5. Minimum Shift Clock Frequency vs Number of Bits for 1Msps
NUMBER OF BITS
fSCK(MHz)
Conversion Result
16
37
Conversion Result + SOS Bit
17
39
Conversion Result + SOS Bit +
Configuration Data
24
55
The configuration of the LTC2373-16 is programmed via
a sequencer through the serial interface. The following
sectionsdescribethevariouswaystheLTC2373-16canbe
programmed, the operation of the sequencer and general
use of the LTC2373-16.
Configuring the LTC2373-16
The various modes of operation of the LTC2373-16 are
programmedbysevenbitsofan8-bitcontrolword,C[7:0].
The control word is shifted in at SDI on the rising edges
of SCK, MSB first. The control word is defined as follows:
C[7]
C[6]
C[5]
C[4]
C[3]
C[2]
C[1]
C[0]
X
A[3]
A[2]
A[1]
A[0]
R[1]
R[0]
SEL
The MSB of the control word, C[7], is used during the
programming of the sequencer and does not control
the operating mode or configuration of the MUX or ADC
(see Programming the Sequencer section). Referring to
Table 6, bits A[3:0] (C[6:3]) control the analog input MUX
channel configuration. Bits R[1:0] (C[2:1]) control the
input range configuration of the ADC and the SEL (C[0])
bit enables/disables the digital gain compression feature
(see Using Digital Gain Compression for Single Supply
Operation section).
Table 6. Description of Decoded Configuration Bits
BITS
NAME
BEHAVIOR
[A3:A0] MUX Channel
Configuration Bits
See Table 7
[R1:R0] Input Range
Selection Bits
00 – Pseudo-Differential Unipolar Input
(Straight Binary Output Data Format)
01 – Pseudo-Differential Bipolar Input
(Two’s-Complement Output Data
Format)
10 – Fully Differential Input
(Straight Binary Output Data Format)
11 – Fully Differential Input
(Two’s-Complement Output Data
Format)
SEL
Digital Gain
Compression Bit
0 – Digital Gain Compression Disabled
1 – Digital Gain Compression Enabled
Note: Digital gain compression feature always disabled for the pseudo-
differential unipolar input range.
Analog Input Multiplexer
The analog input MUX is programmed by the A[3:0]
(C[6:3]) bits of the input control word. Table 7 lists the
MUX configurations for all combinations of the configu-
ration bits. The selected positive (+) channel is output
to MUXOUT+ and the selected negative (−) channel is
output to MUXOUT−. Figure 17 shows an example of the
MUX configuration being updated on successive conver-
sions. Note how the voltages of the selected positive (+)
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com