Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6237 Datasheet(PDF) 40 Page - Linear Technology

Part # LT6237
Description  16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 40 Page - Linear Technology

Back Button LT6237 Datasheet HTML 36Page - Linear Technology LT6237 Datasheet HTML 37Page - Linear Technology LT6237 Datasheet HTML 38Page - Linear Technology LT6237 Datasheet HTML 39Page - Linear Technology LT6237 Datasheet HTML 40Page - Linear Technology LT6237 Datasheet HTML 41Page - Linear Technology LT6237 Datasheet HTML 42Page - Linear Technology LT6237 Datasheet HTML 43Page - Linear Technology LT6237 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
LTC2373-16
40
237316fa
For more information www.linear.com/LTC2373-16
TiMing DiagraMs
Multiple Devices
Figure 27 shows the multiple LTC2373-16 devices operat-
ing and sharing CNV, SDI, SCK and SDO. By sharing CNV,
SDI, SCK and SDO, the number of signals required to
operate multiple ADCs in parallel is reduced. Since SDO is
shared, the RDL input of each ADC must be used to allow
Figure 27. Multiple Devices Sharing CNV, SCK and SDO
CNV
RESET = 0
NAP
RDLA
RDLB
BUSY
tCNVH
tCONV
CONVERT
NAP
tBUSYLH
1
2
3
SCK
14
15
16
SDO
237316 F27
17
18
19
tCNVL
CONVERT
tHSDISCK
tSSDISCK
tDSDO
tDIS
Hi-Z
tHSDO
tSCK
SDI
DON’T CARE
CA[7] CA[6] CA[5]
30
31
32
tQUIET
tSCKL
tSCKH
tEN
Hi-Z
D15A D14A D13A
D1A D0A
D15B D14B D13B
Hi-Z
D1B
D0B
CB[7]
CB[5]
CB[6]
CONVERT
DIGITAL HOST
IRQ
SDI
DATA IN
CLK
RDLB
RDLA
CNV
BUSY
SDI
SDO
SCK
RDL
RESET
LTC2373-16
A
CNV
BUSY
SDI
SDO
SCK
RDL
RESET
LTC2373-16
B
only one LTC2373-16 to drive SDO at a time in order to
avoid bus conflicts. RDL must also be used to selectively
program each ADC through the shared SDI input line. The
RDLinputsidlehighandareindividuallybroughtlowtoread
data out of and selectively program each device between
conversions. When RDL is brought low, the MSB(D15)
of the selected device is output onto SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com