Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1356 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1356
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 1 Page - Linear Technology

  LT1356 Datasheet HTML 1Page - Linear Technology LT1356 Datasheet HTML 2Page - Linear Technology LT1356 Datasheet HTML 3Page - Linear Technology LT1356 Datasheet HTML 4Page - Linear Technology LT1356 Datasheet HTML 5Page - Linear Technology LT1356 Datasheet HTML 6Page - Linear Technology LT1356 Datasheet HTML 7Page - Linear Technology LT1356 Datasheet HTML 8Page - Linear Technology LT1356 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2348-18
1
234818fa
For more information www.linear.com/LTC2348-18
Typical applicaTion
FeaTures
DescripTion
Octal, 18-Bit, 200ksps
Differential ±10.24V Input SoftSpan ADC
with Wide Input Common Mode Range
The LTC®2348-18 is an 18-bit, low noise 8-channel si-
multaneous sampling successive approximation register
(SAR) ADC with differential, wide common mode range
inputs. Operating from a 5V low voltage supply, flexible
high voltage supplies, and using the internal reference
and buffer, each channel of this SoftSpanTM ADC can be
independently configured on a conversion-by-conversion
basis to accept ±10.24V, 0V to 10.24V, ±5.12V, or 0V to
5.12V signals. Individual channels may also be disabled
to increase throughput on the remaining channels.
The wide input common mode range and 118dB CMRR of
the LTC2348-18 analog inputs allow the ADC to directly
digitize a variety of signals, simplifying signal chain de-
sign. This input signal flexibility, combined with ±3LSB
INL, no missing codes at 18 bits, and 96.7dB SNR, makes
the LTC2348-18 an ideal choice for many high voltage
applications requiring wide dynamic range.
The LTC2348-18 supports pin-selectable SPI CMOS (1.8V
to 5V) and LVDS serial interfaces. Between one and eight
lanes of data output may be employed in CMOS mode,
allowing the user to optimize bus width and throughput.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 7705765, 7961132, 8319673.
Other Patents pending.
applicaTions
n
200ksps per Channel Throughput
n
Eight Simultaneous Sampling Channels
n
±3LSB INL (Maximum, ±10.24V Range)
n
Guaranteed 18-Bit, No Missing Codes
n
Differential, Wide Common Mode Range Inputs
n
Per-Channel SoftSpan Input Ranges:
±10.24V, 0V to 10.24V, ±5.12V, 0V to 5.12V
±12.5V, 0V to 12.5V, ±6.25V, 0V to 6.25V
n
96.7dB Single-Conversion SNR (Typical)
n
−109dB THD (Typical) at fIN = 2kHz
n
118dB CMRR (Typical) at fIN = 200Hz
n
Rail-to-Rail Input Overdrive Tolerance
n
Guaranteed Operation to 125°C
n
Integrated Reference and Buffer (4.096V)
n
SPI CMOS (1.8V to 5V) and LVDS Serial I/O
n
Internal Conversion Clock, No Cycle Latency
n
140mW Power Dissipation (Typical)
n
48-Lead (7mm x 7mm) LQFP Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
Power Line Monitoring
n
Test and Measurement
Integral Nonlinearity vs
Output Code and Channel
0.1µF
2.2µF
0.1µF
0.1µF
1.8V TO 5V
5V
15V
–15V
SAMPLE
CLOCK
234818 TA01a
S/H
S/H
S/H
S/H
S/H
S/H
S/H
S/H
MUX
VCC
VDD
VDDLBYP OVDD
EIGHT SIMULTANEOUS
SAMPLING CHANNELS
DIFFERENTIAL INPUTS IN+/IN– WITH
WIDE INPUT COMMON MODE RANGE
+5V
0V
–5V
FULLY
DIFFERENTIAL
+10V
0V
–10V
TRUE BIPOLAR
+10V
0V
–10V
ARBITRARY
+10V
0V
–10V
UNIPOLAR
SDO0
SDO7
SCKO
SCKI
SDI
CS
BUSY
CNV
LVDS/CMOS
PD
IN0+
IN0–
IN7+
IN7–
18-BIT
SAR ADC
CMOS OR LVDS
I/O INTERFACE
0.1µF
REFIN
47µF
0.1µF
GND
REFBUF
VEE
LTC2348-18
TRUE BIPOLAR DRIVE (IN– = 0V)
ALL CHANNELS
±10.24V RANGE
OUTPUT CODE
–131072
–65536
0
65536
131072
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
234818 TA01b


Similar Part No. - LT1356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1356 LINER-LT1356 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
logo
Linear Integrated Syste...
LT1356 LINEAR-LT1356 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1356 LINER-LT1356 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1356 LINER-LT1356 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1356 LINER-LT1356 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1356

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2335-16 LINER-LTC2335-16 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2358-16 LINER-LTC2358-16 Datasheet
3Mb / 40P
Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com