Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1356 Datasheet(PDF) 35 Page - Linear Technology

Part # LT1356
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 35 Page - Linear Technology

Back Button LT1356 Datasheet HTML 31Page - Linear Technology LT1356 Datasheet HTML 32Page - Linear Technology LT1356 Datasheet HTML 33Page - Linear Technology LT1356 Datasheet HTML 34Page - Linear Technology LT1356 Datasheet HTML 35Page - Linear Technology LT1356 Datasheet HTML 36Page - Linear Technology LT1356 Datasheet HTML 37Page - Linear Technology LT1356 Datasheet HTML 38Page - Linear Technology LT1356 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
LTC2348-18
35
234818fa
For more information www.linear.com/LTC2348-18
take effect immediately with no additional analog input
settling time required before starting the next conversion.
It is still possible to read conversion data after starting the
nextconversion,butthiswilldegradeconversionaccuracy
and therefore is not recommended.
Just prior to the falling edge of BUSY and the opening
of a new data transaction window, SDO is updated with
the latest conversion results from analog input channel
0. Both rising and falling edges on SCKI serially clock
conversionresultsandanaloginputchannelconfiguration
information out on SDO. SCKI is also echoed on SCKO,
skew-matched to the data on SDO. Whenever possible, it
is recommended that rising and falling edges of SCKO be
used to capture DDR serial output data on SDO, as this will
yield the best robustness to delay variations over supply
and temperature. SCKI rising and falling edges also latch
SoftSpan configuration words provided on SDI, which are
used to program the internal 24-bit SoftSpan configura-
tion register. See the section Programming the SoftSpan
Configuration Register in LVDS I/O Mode for further
details. As shown in Figure 21, the LVDS bus is enabled
when CS is low and is disabled and Hi-Z when CS is high,
allowing the bus to be shared across multiple devices.
Due to the high speeds involved in LVDS signaling, LVDS
bus sharing must be carefully considered. Transmission
line limitations imposed by the shared bus may limit the
maximum achievable bus clock speed. LVDS inputs are
internallyterminatedwitha100Ωdifferentialresistorwhen
CS is low, while outputs must be differentially terminated
with a 100Ω resistor at the receiver (FPGA). SCKI must
idle in the low state in LVDS I/O mode, including when
transitioning CS.
The data on SDO are grouped into 24-bit packets consist-
ing of an 18-bit conversion result, 3-bit analog channel
ID, and 3-bit SoftSpan code, all presented MSB first. As
suggested in Figures 20 and 21, SDO outputs these pack-
ets for all analog input channels in a sequential, circular
manner. For example, the first 24-bit packet output on
SDO corresponds to analog input channel 0, followed by
the packets for channels 1 through 7. The data output
on SDO then wraps back to channel 0, and this pattern
repeats indefinitely.
S23
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
25 26
24
S22 S21 S20 S19 S18 S17 S16 S15 S14 S13 S12 S11 S10 S9 S8 S7 S6 S5
S3
S4
S1
S2
S0
D17
D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
SS1
SS2
SS0 D17 D16 D15
CNV
(CMOS)
CS = PD = 0
234818 F20
DON’T CARE
tACQ
BUSY
(CMOS)
SCKO
(LVDS)
SDO
(LVDS)
SCKI
(LVDS)
SDI
(LVDS)
DON’T CARE
SAMPLE N
tCNVL
tCYC
RECOMMENDED DATA TRANSACTION WINDOW
SAMPLE N + 1
SoftSpan CONFIGURATION WORD FOR CONVERSION N + 1
CHANNEL 0
24-BIT PACKET
CONVERSION N
CHANNEL 1
24-BIT PACKET
CONVERSION N
CHANNEL 7
24-BIT PACKET
CONVERSION N
CONVERSION RESULT
CHANNEL ID SoftSpan
186
185
187 188 189 190 191 192
D0
SS1
SS2
SS0 D17
CHANNEL 0
24-BIT PACKET
CONVERSION N
CONVERSION
RESULT
CHANNEL ID SoftSpan
tSKEW
tCNVH
tSCKIH
tSCKIL
tBUSYLH
tDSDOSCKI
tHSDOSCKI
tDSDOBUSYL
tSSDISCKI
tSSDISCKI
tHSDISCKI
tHSDISCKI
tQUIET
tSCKI
tCONV
C2 C1 C0
C2 C1 C0
Figure 20. Serial LVDS I/O Mode
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com