Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1356 Datasheet(PDF) 32 Page - Linear Technology

Part # LT1356
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT1356 Datasheet HTML 28Page - Linear Technology LT1356 Datasheet HTML 29Page - Linear Technology LT1356 Datasheet HTML 30Page - Linear Technology LT1356 Datasheet HTML 31Page - Linear Technology LT1356 Datasheet HTML 32Page - Linear Technology LT1356 Datasheet HTML 33Page - Linear Technology LT1356 Datasheet HTML 34Page - Linear Technology LT1356 Datasheet HTML 35Page - Linear Technology LT1356 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2348-18
32
234818fa
For more information www.linear.com/LTC2348-18
Just prior to the falling edge of BUSY and the opening of
a new data transaction window, SCKO is forced low and
SDO0 to SDO7 are updated with the latest conversion
results from analog input channels 0 to 7, respectively.
Rising edges on SCKI serially clock conversion results
and analog input channel configuration information out
on SDO0 to SDO7 and trigger transitions on SCKO that
are skew-matched to the data on SDO0 to SDO7. The
resulting SCKO frequency is half that of SCKI. SCKI
rising edges also latch SoftSpan configuration words
provided on SDI, which are used to program the internal
24-bit SoftSpan configuration register. See the section
Programming the SoftSpan Configuration Register in
CMOS I/O Mode for further details. SCKI is allowed to
idle either high or low in CMOS I/O mode. As shown in
Figure 18, the CMOS bus is enabled when CS is low and
is disabled and Hi-Z when CS is high, allowing the bus
to be shared across multiple devices.
The data on SDO0 to SDO7 are grouped into 24-bit
packets consisting of an 18-bit conversion result, 3-bit
analog channel ID, and 3-bit SoftSpan code, all presented
MSB first. As suggested in Figures 17 and 18, each SDO
lane outputs these packets for all analog input channels
in a sequential, circular manner. For example, the first
24-bit packet output on SDO0 corresponds to analog
input channel 0, followed by the packets for channels 1
through 7. The data output on SDO0 then wraps back
to channel 0, and this pattern repeats indefinitely. Other
SDO lanes follow a similar circular pattern, except the
first packet presented on each lane corresponds to its
associated analog input channel.
When interfacing the LTC2348-18 with a standard SPI
bus, capture output data at the receiver on rising edges of
SCKI. SCKO is not used in this case. Multiple SDO lanes
are also usually not useful in this case. In other applica-
tions, such as interfacing the LTC2348-18 with an FPGA
or CPLD, rising and falling edges of SCKO may be used
to capture serial output data on SDO0 to SDO7 in double
data rate (DDR) fashion. Capturing data using SCKO adds
robustnesstodelayvariationsovertemperatureandsupply.
Full Eight Lane Serial CMOS Output Data Capture
As shown in Table 3, full 200ksps per channel throughput
canbeachievedwitha45MHzSCKIfrequencybycapturing
the first packet (24 SCKI cycles total) from all eight serial
data output lanes SDO0 to SDO7. This configuration also
allows conversion results from all channels to be captured
using as few as 18 SCKI cycles if the 3-bit analog channel
ID and 3-bit SoftSpan code are not needed and the device
SoftSpan configuration is not being changed. Multi-lane
data capture is usually best suited for use with FPGA
or CPLD capture hardware, but may be useful in other
application-specific cases.
applicaTions inForMaTion
CS
PD = 0
DON’T CARE
BUSY
SDO7
SCKO
SDO0
SCKI
SDI
DON’T CARE
DON’T CARE
DON’T CARE
234818 F18
Hi-Z
Hi-Z
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
CHANNEL 3 PACKET
(PARTIAL)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
CHANNEL 7 PACKET
CHANNEL 0 PACKET
CHANNEL 1 PACKET
CHANNEL 2 PACKET
(PARTIAL)
NEW SoftSpan CONFIGURATION WORD
(OVERWRITES INTERNAL CONFIG REGISTER)
TWO ALL-ZERO WORDS AND ONE PARTIAL WORD
(INTERNAL CONFIG REGISTER RETAINS CURRENT VALUE)
tEN
tDIS
Figure 18. Internal SoftSpan Configuration Register Behavior. Serial CMOS Bus Response to CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com