Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP24830 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24830
Description  Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV24830-S-00A – EVB DESCRIPTION
EV24830-S-00A Rev.1.1
www.MonolithicPower.com
3
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV24830-S-00A BILL OF MATERIALS
Qty
RefDes
Value Description
Package
Manufacturer Manufacturer P/N
3
C1,C1A,
C8
2.2μF
Ceramic Cap., 100V,
10%, X7R
1210
muRata
GRM32ER72A225K
1
C1B
47μF
Alu Cap., 100V, 10%,
8 x 12 x 3.5
Panasonica
ECA-2AM470
1
C2
0.1μF
Ceramic Cap., 100V,
10%, X7R
0603
muRata
GRM188R72A104KA35D
1
C3
220pF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H221KA01D
1
C4
5.6nF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H562KA01D
C5, C9
NS
1
C6
22pF
Ceramic Cap., 50V, 5%,
C0G
0603
muRata
GRM1885C1H220JA01D
1
C7
0.1μF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71E104KA01D
2
C10, C11
1nF
Ceramic Cap., 50V, 10%,
X7R
0603
muRata
GRM188R71H102KA01D
D1
NS
TO-220
1
D2
1A
Schottky Rect., 100V, 1A
SMA
ST
STPS1100A
1
D3
8A
Schottky Rect., 100V, 8A
SMC
Vishay
V8P10
1
L1
22μH
Inductor, Rdc 15mΩ, Isat
11A
SMD
Wurth Elektronik 74435572200
5
R1, R3,
R4, R5,
R13
0
Film Res., 5%
0603
Yageo
RC0603JR-070RL
R2
NS
0603
1
R6
100kΩ Film Res., 1%
0603
Yageo
9C06031A1003FKHFT
1
R7
200mΩ Film Res.1/2W, 1%
1206
Cyntec
RLT1632-4-R200-FNH
R8
NS
1206
1
R9
499kΩ Film Res., 1%
0603
Yageo
9C06031A4993FKHFT
1
R10
20k
Film Res., 1%
0603
Yageo
9C06031A2002FKHFT
1
R11
8mΩ
Film Res., 1/2W, 1%
1206
Cyntec
RL1632H-R008-FNH
1
R12
51k
Film Res., 5%
0603
Yageo
9C06031A5102FKHFT
1
Q1
N-MOS 100V Mosfet FDD86102
D-Pak
Fairchild
FDD86102
1
Q2
N-MOS 100V Mosfet Si4100DY
SO-8
Vishay
Si4100DY
Q3
NS
TO-220
1
U1
MP24830 Power Led Driver
SO14DS
MPS
MP24830HS(R2)
1
EN,DIM,G
ND
3 Pin Header, 2.54mm
2.54mm
Sullins
PCC03SAAN
4
LED+,LED-
,VIN,GND
2.3 pillar
W200D100
HZ
China
2
JP1, JP2
Jumper
HZ
China



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com