Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP24830 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24830
Description  Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV24830-S-00A – EVB DESCRIPTION
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV24830-S-00A Rev.1.1
www.MonolithicPower.com
7
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the LED string between “LED+” (anode of LED string) and “LED-“(cathode of LED string).
The LED string voltage should be Less than 28V (7 LED string voltage is about 25V), since the
output voltage protection is about 28V.
2. Set a VIN power supply voltage (range from 5V to VIN+VOUT < 80V) and connect the input between
the “VIN” and “INGND” terminals as shown in the EVB board.
3. Set a second power supply 5V as the EN input supply to the EVB.
4. Turn-off all power supplies.
5. Turn-on the input voltage power supply.
6. Turn on the 5V EN power supply. All the LED strings should be lighted.
7. The switching frequency was set by R6, which is about 200kHz.
8.
To demo the dimming function on DIM connector: using a function generator set the PWM signal
amplitude to 5V and the frequency within 100Hz to 20kHz range for PWM dimming. For analog
dimming, adjust the power supply from 0.7V to 2V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com