Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP24830 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24830
Description  Buck- Boost Mode White LED Driver 5V ??90V, Programmable Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24830 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24830 Datasheet HTML 1Page - Monolithic Power Systems MP24830 Datasheet HTML 2Page - Monolithic Power Systems MP24830 Datasheet HTML 3Page - Monolithic Power Systems MP24830 Datasheet HTML 4Page - Monolithic Power Systems MP24830 Datasheet HTML 5Page - Monolithic Power Systems MP24830 Datasheet HTML 6Page - Monolithic Power Systems MP24830 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV24830-S-00A – EVB DESCRIPTION
EV24830-S-00A Rev.1.1
www.MonolithicPower.com
4
5/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VEN=5V, VIN=12V, IOUT=1A, L=22μH, TA=25ºC, Unless otherwise noted.
ANALOG DIMMING VOLTAGE ( V )
ILED Line Regulation vs.
VIN
ILED vs. Analog Dimming
VIN =20V, 3LED, IOUT=1A,
FDIM=0.2kHz
ILED vs. PWM Dimming
VIN =25V, 3LED, FDIM=0.2kHz
INPUT VOLTAGE (V)
VIN VOLTAGE (V)
Efficiency vs. Input
Voltage
70
75
80
85
90
95
100
0
2040
6080
100
3LED
10LED
8LED
6LED
LED STRING VOLTAGE ( V )
Efficiency vs. LED
String Voltage
80
84
88
92
96
100
10
15
20
25
30
35
40
VIN=20V
VIN=40V
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
10
20
30
40
50
60
70
6LED
3LED
8LED
10LED
0
100
200
300
400
500
0
20
40
60
80
100
0
200
400
600
800
1000
0.7
0.9
1.1
1.3
1.5
1.7
1.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com