Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC903LP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC903LP3E
Description  MMIC, Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903LP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC903LP3E Datasheet HTML 1Page - Analog Devices HMC903LP3E Datasheet HTML 2Page - Analog Devices HMC903LP3E Datasheet HTML 3Page - Analog Devices HMC903LP3E Datasheet HTML 4Page - Analog Devices HMC903LP3E Datasheet HTML 5Page - Analog Devices HMC903LP3E Datasheet HTML 6Page - Analog Devices HMC903LP3E Datasheet HTML 7Page - Analog Devices HMC903LP3E Datasheet HTML 8Page - Analog Devices HMC903LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC903LP3E
Rev. H | Page 3 of 13
SPECIFICATIONS
TA = 25°C, VDD1 = VDD2 = 3.5 V, IDQ = 80 mA (VGG1 = VGG2 = open for normal, self biased operation), unless otherwise noted.
6 GHz TO 16 GHz FREQUENCY RANGE
Table 1.
Parameter
Min
Typ
Max
Unit
GAIN
16.5
18.5
dB
Gain Variation over Temperature
0.012
dB/°C
NOISE FIGURE1
1.7
2.2
dB
RETURN LOSS
Input
12
dB
Output
12
dB
OUTPUT POWER
For 1 dB Compression (P1dB)1
13
14.5
dBm
Saturated (PSAT)1
16.5
dBm
OUTPUT THIRD-ORDER INTERCEPT (IP3)
22
25
dBm
SUPPLY CURRENT (IDQ)
80
110
mA
1
Board loss removed from gain, power, and noise figure measurements.
16 GHz TO 17 GHz FREQUENCY RANGE
Table 2.
Parameter
Min
Typ
Max
Unit
GAIN
15
18
dB
Gain Variation over Temperature
0.012
dB/°C
NOISE FIGURE1
2.2
2.5
dB
RETURN LOSS
Input
11
dB
Output
14
dB
OUTPUT POWER
For 1 dB Compression (P1dB)1
12
13
dBm
Saturated (PSAT)1
16.5
dBm
OUTPUT THIRD-ORDER INTERCEPT (IP3)
22
25
dBm
SUPPLY CURRENT (IDQ)
80
110
mA
1
Board loss removed from gain, power, and noise figure measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com