Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC903LP3E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC903LP3E
Description  MMIC, Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903LP3E Datasheet(HTML) 4 Page - Analog Devices

  HMC903LP3E Datasheet HTML 1Page - Analog Devices HMC903LP3E Datasheet HTML 2Page - Analog Devices HMC903LP3E Datasheet HTML 3Page - Analog Devices HMC903LP3E Datasheet HTML 4Page - Analog Devices HMC903LP3E Datasheet HTML 5Page - Analog Devices HMC903LP3E Datasheet HTML 6Page - Analog Devices HMC903LP3E Datasheet HTML 7Page - Analog Devices HMC903LP3E Datasheet HTML 8Page - Analog Devices HMC903LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HMC903LP3E
Data Sheet
Rev. H | Page 4 of 13
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Drain Bias Voltage
4.5 V
RF Input Power
20 dBm
Gate Bias Voltage
VGG1
−2 V to +0.2 V
VGG2
−2 V to +0.2 V
Continuous Power Dissipation, PDISS (TA =
85°C, Derate 6.9 mW/°C Above 85°C)
0.45 W
Channel Temperature
150°C
Maximum Peak Reflow Temperature
260°C
Storage Temperature
−65°C to +85°C
Operating Temperature
−40°C to +85°C
ESD Sensitivity (Human Body Model)
Class 0, Passed 150 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 4. Thermal Resistance
Package Type1
θJC
Unit
HCP-16-1
144.8
°C/W
1
Thermal impedance simulated values are based on JEDEC 2s2p thermal test
board. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com