Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC903LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC903LP3E
Description  MMIC, Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC903LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC903LP3E Datasheet HTML 1Page - Analog Devices HMC903LP3E Datasheet HTML 2Page - Analog Devices HMC903LP3E Datasheet HTML 3Page - Analog Devices HMC903LP3E Datasheet HTML 4Page - Analog Devices HMC903LP3E Datasheet HTML 5Page - Analog Devices HMC903LP3E Datasheet HTML 6Page - Analog Devices HMC903LP3E Datasheet HTML 7Page - Analog Devices HMC903LP3E Datasheet HTML 8Page - Analog Devices HMC903LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HMC903LP3E
Data Sheet
Rev. H | Page 2 of 13
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
6 GHz to 16 GHz Frequency Range........................................... 3
16 GHz to 17 GHz Frequency Range......................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions..............................5
Interface Schematics .....................................................................5
Typical Performance Characteristics ..............................................6
Theory of Operation .........................................................................9
Applications Information .............................................................. 10
Recommended Bias Sequence During Power Up.................. 10
Recommended Bias Sequence During Power Down ............ 10
Evaluation PCB........................................................................... 11
Typical Application Circuits ..................................................... 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
2/2018—Rev. G to Rev. H
Changes to Table 3............................................................................ 4
Moved Figure 19 ............................................................................... 8
Changes to Ordering Guide .......................................................... 13
7/2017—Rev. F to Rev. G
Changed HMC903 to HMC903LP3E ......................... Throughout
Changes to Figure 1.......................................................................... 1
Changes to RF Input Parameter, Table 3 ....................................... 4
This Hittite Microwave product data sheet has been reformatted
to the styles and standards of Analog Devices, Inc.
1/2017—v06.0816 (HMC903LP3E) to Rev. F
Updated Format..................................................................Universal
Changes to Features Section, Figure 1, and General Description
Section.................................................................................................1
Add Thermal Resistance Section and Table 5; Renumbered
Sequentially ........................................................................................4
Changes to Figure 2 and Table 5......................................................5
Added Theory of Operation Section ..............................................9
Added Applications Information Section ................................... 10
Updated Outline Dimensions....................................................... 13
Added Ordering Guide.................................................................. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com